Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2301IPAGR Datasheet(PDF) 7 Page - Texas Instruments

Part # TSC2301IPAGR
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2301IPAGR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TSC2301IPAGR Datasheet HTML 3Page - Texas Instruments TSC2301IPAGR Datasheet HTML 4Page - Texas Instruments TSC2301IPAGR Datasheet HTML 5Page - Texas Instruments TSC2301IPAGR Datasheet HTML 6Page - Texas Instruments TSC2301IPAGR Datasheet HTML 7Page - Texas Instruments TSC2301IPAGR Datasheet HTML 8Page - Texas Instruments TSC2301IPAGR Datasheet HTML 9Page - Texas Instruments TSC2301IPAGR Datasheet HTML 10Page - Texas Instruments TSC2301IPAGR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 95 page
background image
www.ti.com
TSC2301
SLAS371D – SEPTEMBER 2002 – REVISED AUGUST 2004
PIN DESCRIPTION (continued)
VFBGA
TQFP
I/O
NAME
DESCRIPTION
BALL
PIN
Slave select input (active low). Data is not clocked into MOSI unless SS is low.
B2
16
I
SS
When SS is high, MISO is high impedance.
B1
17
I
SCLK
SPI clock input
C2
18
I
MOSI
SPI data input. Data is clocked in at SCLK rising edge
SPI data output. Data is clocked out at SCLK falling edge. High impedance when
C1
19
O
MISO
SS is high.
D2
20
O
DAV
Data available (active low).
D1
21
I
COI
Crystal input
E2
22
O
COO
Crystal output
E1
23
I
MCLK
Master clock input for audio codec
F2
24
I
BCLK
I2S bit clock
F1
25
I
LRCLK
I2S left/right clock
G1
26
I
I2SDIN
I2S serial data in
G2
27
O
I2SDOUT
I2S serial data out
H1
28
I
DVDD
Digital voltage supply
J1
29
I
DGND
Digital ground
J2
30
O
KBIRQ
Keypad interrupt (active low). Indicates a key has been depressed
K1
31
I
RESET
Device reset (active high)
K2
32
O
R1
Keypad row 1
L2
33
O
R2
Keypad row 2
K3
34
O
R3
Keypad row 3
L3
35
O
R4
Keypad row 4
K4
36
I
C1
Keypad column 1
L4
37
I
C2
Keypad column 2
K5
38
I
C3
Keypad column 3
L5
39
I
C4
Keypad column 4
L6
40
I
LLINEIN
Left-channel analog input to audio codec
L7
41
I
RLINEIN
Right-channel analog input to audio codec
K7
42
I
MICIN
Analog input from microphone
L8
43
O
MICBIAS
Bias voltage output
K8
44
O
VCM
Common-mode voltage bypass capacitor
L9
45
O
AFILTR
Right-channel audio ADC antialiasing filter capacitor
K9
46
O
AFILTL
Left-channel audio ADC antialiasing filter capacitor
L10
47
I
VREF+
Audio codec positive reference voltage
K10
48
I
VREF-
Audio codec negative reference voltage
K11
49
O
MONO+
Mono differential output
J10
50
O
MONO-
Mono differential output
J11
51
O
VOUTR
Audio right line output
H10
52
O
VOUTL
Audio left line output
H11
53
I
AGND
Analog ground
G10
54
I
AVDD
Analog supply
G11
55
O
HPL
Headphone amplifier left output
F10
56
O
HPR
Headphone amplifier right output
F11
57
I
HPGND
Analog ground for headphone amplifier and touch screen circuitry
E11
58
I
X-
X- position input
E10
59
I
Y-
Y- position input
D11
60
I
X+
X+ position input
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com