Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB1002AIRGER Datasheet(PDF) 28 Page - Texas Instruments

Part # TUSB1002AIRGER
Description  TUSB1002A USB3.2 10Gbps Dual-Channel Linear Redriver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1002AIRGER Datasheet(HTML) 28 Page - Texas Instruments

Back Button TUSB1002AIRGER Datasheet HTML 24Page - Texas Instruments TUSB1002AIRGER Datasheet HTML 25Page - Texas Instruments TUSB1002AIRGER Datasheet HTML 26Page - Texas Instruments TUSB1002AIRGER Datasheet HTML 27Page - Texas Instruments TUSB1002AIRGER Datasheet HTML 28Page - Texas Instruments TUSB1002AIRGER Datasheet HTML 29Page - Texas Instruments TUSB1002AIRGER Datasheet HTML 30Page - Texas Instruments TUSB1002AIRGER Datasheet HTML 31Page - Texas Instruments TUSB1002AIRGER Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
8 Device and Documentation Support
8.1 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on
Notifications to register and receive a weekly digest of any product information that has changed. For change
details, review the revision history included in any revised document.
8.2 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
8.3 Trademarks
TI E2E™ is a trademark of Texas Instruments.
All trademarks are the property of their respective owners.
8.4 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
8.5 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
9 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (October 2023) to Revision C (July 2024)
Page
• Added the ESD Diodes Recommendations Characteristics table.................................................................... 22
• Changed recommended RESD for Nexperia from none to 2Ω.......................................................................... 22
Changes from Revision A (November 2018) to Revision B (October 2023)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document................. 1
• Updated the Device Information table to include ambient temperature .............................................................1
• Updated the TUSB1002A in ESB3.2 x1 Host Application figure to include ESD and optional 220kΩ pulldown
on RX pins........................................................................................................................................................19
• Updated the Design Parameters table to include pre-channel and post-channel min/max limits.....................20
• Changed 100nF recommendation to 220nF for ac-coupling capacitors ..........................................................20
• Added the ESD Protection section................................................................................................................... 22
Changes from Revision * (March 2018) to Revision A (November 2018)
Page
• Changed text from: "Inclusion of these 330nF capacitors and 220kΩ resistors is optional but highly
recommended." to: "Inclusion of the 330nF capacitors and 220kΩ resistors is optional." in the Detailed Design
Procedure ........................................................................................................................................................ 20
• Added ordered list of implementation options for USB connector to TUSB1002A RX pins ............................ 20
TUSB1002A
SLLSF63C – MARCH 2018 – REVISED JULY 2024
www.ti.com
28
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB1002A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com