Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM720 Datasheet(PDF) 1 Page - Klein Tools, Inc.

Part # MM720
Description  DIGITAL MULTIMETERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KLEIN [Klein Tools, Inc.]
Direct Link  https://www.kleintools.com/
Logo KLEIN - Klein Tools, Inc.

MM720 Datasheet(HTML) 1 Page - Klein Tools, Inc.

  MM720 Datasheet HTML 1Page - Klein Tools, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DIGITAL
MULTIMETERS
MM720
MM450
MM420
MM325
• Auto-Ranging
• True Root Mean
Square (TRMS)
• 10A AC/DC
Current
• AC/DC Voltage
• Resistance
• Continuity
• Frequency
• Duty Cycle
• Capacitance
• Tests Diodes
• Temperature
• Low Impedance
(LoZ) Mode
• Auto-Ranging
• True Root Mean
Square (TRMS)
• 10A AC/DC
Current
• AC/DC Voltage
• Resistance
• Continuity
• Frequency
• Duty Cycle
• Capacitance
• Tests Diodes
• Temperature
• Auto-Ranging
• True Root Mean
Square (TRMS)
• 10A AC/DC
Current
• AC/DC Voltage
• Resistance
• Continuity
• Frequency
• Duty Cycle
• Capacitance
• Tests Diodes
• Temperature
• Manual-Ranging
• 10A DC Current
• AC/DC Voltage
• Resistance
• Continuity
• Tests Diodes
• Instruction Manual
• Test Leads with
CATIII/CAT IV
safety caps
• Thermocouple
• 2 x AAA Batteries
• Carrying Case
• Instruction Manual
• Test Leads with
CATIII/CAT IV
safety caps
• Thermocouple
• 2 x AAA Batteries
• Carrying Case
• Instruction Manual
• Test Leads with
CATIII/CAT IV
safety caps
• Thermocouple
• 2 x AAA Batteries
• Instruction Manual
• Test Leads with
CATIII/CAT IV
safety caps
• 2 x AAA Batteries
CAT IV 600V,
CAT III 1000V
CE, UKCA
CAT III 600V,
CE, UKCA
CAT III 600V,
CE, UKCA
CAT III 600V,
CE, UKCA
6.94" (176.3 mm)
6.49" (165.0 mm)
6.41" (162.7 mm)
6.41" (162.7 mm)
3.37" (85.7 mm)
3.14" (80.0 mm)
3.13" (79.4 mm)
3.13" (79.4 mm)
1.88" (47.7 mm)
1.09" (27.8 mm)
1.83" (46.6 mm)
1.83" (46.6 mm)
0.76 lb (0.35 kg)
0.58 lb (0.26 kg)
0.55 lb (0.25 kg)
0.55 lb (0.25 kg)
FEATURES
MM720 MM450 MM420 MM325
Drop Protection
6.6' (2 m)
6.6' (2 m)
6.6’ (2 m)
6.6’ (2 m)
Ingress Protection
IP42
–
–
–
Safety
CAT IV 600V
CAT III 1000V
CAT III 600V
CAT III 600V
CAT III 600V
AC Voltage (Volts)
1000V
600V
600V
600V
DC Voltage (Volts)
1000V
600V
600V
600V
AC Current (Amps)
10A
10A
10A
–
DC Current (Amps)
10A
10A
10A
10A
Resistance (Ohms)
60MΩ
50MΩ
50MΩ
2MΩ
DC Millivolts
AC Milliamps
–
DC Milliamps
AC Microamps
–
DC Microamps
True RMS
–
Audible Continuity
Backlight
Temperature
-40° – 1832°F
(-40° – 1000°C)
-40° – 1832°F
(-40° – 1000°C)
-40° – 1832°F
(-40° – 1000°C)
–
Low Impedance
–
–
–
Auto Ranging
–
Range Hold
–
Data Hold
Diode Test
Capacitance Test
6000 μF
400 μF
400 μF
–
Frequency /
Duty Cycle
1Hz – 500 KHz 1Hz – 50 KHz
1Hz – 50 KHz
–
Max / Min
–
Lead Alert
Warning
Magnetic Mount
Available As
Accessory
Available As
Accessory
Available As
Accessory
Available As
Accessory
Auto-Power Off
Battery Test
–
–
–
LCD Display Count
6000
4000
4000
2000
Kickstand
–
Specifications subject to change.
MKT071222 Rev 07/22 A
Slim Profile
Slim Profile


Similar Part No. - MM720

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MM720 ETC2-MM720 Datasheet
2Mb / 1P
DIGITAL MULTIMETERS
Rev 07/22 A
More results

Similar Description - MM720

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
MN35 EXTECH-MN35_15 Datasheet
294Kb / 1P
Digital Mini MultiMeters
logo
Keysight Technologies
34460A KEYSIGHT-34460A Datasheet
3Mb / 23P
Digital Multimeters
34461A KEYSIGHT-34461A Datasheet
3Mb / 23P
Digital Multimeters
34465A KEYSIGHT-34465A Datasheet
3Mb / 23P
Digital Multimeters
34470A KEYSIGHT-34470A Datasheet
3Mb / 23P
Digital Multimeters
U1250 KEYSIGHT-U1250 Datasheet
2Mb / 15P
Digital Multimeters
U3400 KEYSIGHT-U3400 Datasheet
2Mb / 21P
Digital Multimeters
logo
TEKTRONIX, INC.
DMM4020 TEKTRONIX-DMM4020 Datasheet
864Kb / 12P
Digital Multimeters
logo
List of Unclassifed Man...
34460A ETC-34460A Datasheet
2Mb / 28P
Digital Multimeters
AM-500-EUR ETC-AM-500-EUR Datasheet
1Mb / 2P
Digital Multimeters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com