Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

79620 Datasheet(PDF) 1 Page - Wixroyd Group Ltd

Part # 79620
Description  Ledge Pulls
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIXROYD [Wixroyd Group Ltd]
Direct Link  https://www.wixroyd.com/wx
Logo WIXROYD - Wixroyd Group Ltd

79620 Datasheet(HTML) 1 Page - Wixroyd Group Ltd

  79620 Datasheet HTML 1Page - Wixroyd Group Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
aluminium
Ledge Pulls
Pull Handles
Order No.
Type
Finish
l
2
l
1
79620.W0030-1
One
Natural
45
30
79620.W0030-4
One
Black
45
30
79620.W0045-1
One
Natural
60
45
79620.W0045-4
One
Black
60
45
79620.W0070-1
One
Natural
85
70
79620.W0070-4
One
Black
85
70
79620.W0090-1
One
Natural
105
90
79620.W0090-4
One
Black
105
90
79620.W0105-1
One
Natural
120
105
79620.W0105-4
One
Black
120
105
79620.W0120-1
One
Natural
135
120
79620.W0120-4
One
Black
135
120
79620.W0530-1
Two
Natural
45
30
79620.W0530-4
Two
Black
45
30
79620.W0545-1
Two
Natural
60
45
79620.W0545-4
Two
Black
60
45
79620.W0570-1
Two
Natural
85
70
79620.W0570-4
Two
Black
85
70
79620.W0590-1
Two
Natural
105
90
79620.W0590-4
Two
Black
105
90
79620.W0605-1
Two
Natural
120
105
79620.W0605-4
Two
Black
120
105
79620.W0620-1
Two
Natural
135
120
79620.W0620-4
Two
Black
135
120
79620
0333 207 4497
sales@wixroyd.com
1
Material
Profiled aluminium AlMgSi 0.5. Vibro­
polished and anodized to a matt finish.
Technical Notes
Minimum stress resistance 200N.


Similar Part No. - 79620

ManufacturerPart #DatasheetDescription
logo
KNIPEX
7962125ESD KNIPEX-7962125ESD Datasheet
161Kb / 2P
Precision Electronics Side Cutter ESD
05.07.2021
logo
TE Connectivity Ltd
796274 TEC-796274 Datasheet
91Kb / 1P
ASSEMBLY, PLUG, STANDARD SEX, 17-16, STANDARD OR SMALL INSULATION DIA., SEALED
796274-1 TEC-796274-1 Datasheet
91Kb / 1P
ASSEMBLY, PLUG, STANDARD SEX, 17-16, STANDARD OR SMALL INSULATION DIA., SEALED
796274-2 TEC-796274-2 Datasheet
91Kb / 1P
ASSEMBLY, PLUG, STANDARD SEX, 17-16, STANDARD OR SMALL INSULATION DIA., SEALED
796274-4 TEC-796274-4 Datasheet
91Kb / 1P
ASSEMBLY, PLUG, STANDARD SEX, 17-16, STANDARD OR SMALL INSULATION DIA., SEALED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com