Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP171B Datasheet(PDF) 2 Page - Multicomp Pro

Part # MP171B
Description  Hand Held Digital Multimeter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MP171B Datasheet(HTML) 2 Page - Multicomp Pro

  MP171B Datasheet HTML 1Page - Multicomp Pro MP171B Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page <2>
V1.0
07/05/25
Hand Held Digital Multimeter
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
Digital Multimeter, HandHeld, EBTN, 1000V AC/DC, 10A, 60MΩ, 60mF
MP171B
Digital Multimeter, Handheld, OLED, 1000V AC/DC, 10A, 60MΩ, 60mF
MP171C
Characteristics
Standard accessories
: Batteries, test leads, temperature probe
Power
: 1.5V battery (R6) × 2
Display
: 58mm × 36mm
Product size
: 170mm × 80mm × 48mm
Product net weight
: UT139A/B
Standard individual packing
: Gift box
Standard quantity per carton
: 20pcs
Standard carton measurement
: UT139A/B: 450mm × 330mm × 340mm
Standard carton gross weight
: UT139A/B: 11.8kg.
Range
MP171B
MP171C
Relative mode
√
√
Data storage
9999
9999
Display type
EBTN
OLED
Analog bar graph
31
31
LCD backlight
√
√
Mis-plug alarm
√
√
Low battery indication
√
√
Auto power off
√
√
Input protection
√
√
Input impedance for DCV
≥10MΩ
√
√
Power
UT171B/C: 7.4V 2000mAh Li-ion battery
Display
UT171B/C: 70.6mm x 35.3mm
Product colour
Red and grey
Product net weight
384g
Product size
206mm x 95mm x 55mm
Standard accessories
Batteries, test leads, point contact temperature probe, USB
interface cable, power adaptor (UT171B/C), PC software CD
Standard individual packing
Gift box, carrying bag, English manual
Standard quantity per carton
5pcs
Standard carton measurement 390mm × 310mm × 205mm
Standard carton gross weight
5.6kg
Optional accessories
Bluetooth adaptor



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com