Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D72HZ Datasheet(PDF) 4 Page - Howard Butler Ltd

Part # D72HZ
Description  DIN RANGE PANEL METERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOBUT [Howard Butler Ltd]
Direct Link  https://www.hobut.co.uk/
Logo HOBUT - Howard Butler Ltd

D72HZ Datasheet(HTML) 4 Page - Howard Butler Ltd

  D72HZ Datasheet HTML 1Page - Howard Butler Ltd D72HZ Datasheet HTML 2Page - Howard Butler Ltd D72HZ Datasheet HTML 3Page - Howard Butler Ltd D72HZ Datasheet HTML 4Page - Howard Butler Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DIN RANGE PANEL METERS
Our policy is one of continuous development and therefore specifications may change without notice.
HOWARD BUTLER LTD
CROWN WORKS, LINCOLN ROAD
WALSALL WS1 2EB ENGLAND
Tel: 01922 640003 Fax: 01922 723626
International Tel: +44 1922 640003
E-mail: sales@hobut.co.uk
Web: www.hobut.co.uk
TECHNICAL SPECIFICATION
PANEL CUT-OUTS (All dimensions mm)
DIMENSIONS (All dimensions mm)
Standards
IEC 51, BS 89.
Enclosure:
DIN 43700.
Flame retardant:
base material UL94V1,
case & terminal cover material UL94V0.
Scale marking DIN 43802
Protection IP52: IP54 can be supplied.
Overload:
CURRENT - 1.2 x rating for 2hrs.
- 10 x rating for 5 secs.
VOLTAGE - 1.2 x rating for 2hrs.
- 2 x rating for 5 secs.
Insulation test:
2kV 50Hz for 1min.
Temperature:
Calibrated at 23°c.
Suitable for use at -25°c to +40°c.
Available extras: Adjustable red secondary pointer.
Terminal cover.
Special scale.
Polycarbonate window.
6.4mm “Faston” terminal tag
(voltmeters & ammeters to 5A).
Other DIN
products:
Our illustrations and technical specifications apply to
meters with 90° scale arcs.
Instruments with 240° scale arcs are also available.
dims
+0.6
–0.0
dims
+0.7
–0.0
dims
+0.8
–0.0
45
68
68
92
92
45
DIN 48 can be slot mounted using the standard fixing clip.
DIN 72 & DIN 96 can be supplied with special fixing clips for slot mounting.
Slot dimensions available on request.
• Digital panel meters.
• Current Transformers.
• Shunts.
• Power transducers.
• Protection relays.
• Battery charger indicators.
• Thermal cut-outs.
New HOBUT products include:
• Pro-Din panel meters.
• 240° panel meters.
• kWh meters.
• Multi-function meters.
• Protective current transformers.
Data sheets on the following HOBUT product ranges are available on
request:
E
F
D
C
B
A
A
AB
C
D
E
F
DIN48 (M4 screw clamps)
48
5
43
44.8
10
–
Ammeters up to 5A & Voltmeters
DIN48 (M6 stud terminals)
48
5
43
44.8
21
–
Ammeters 6A to 40A
DIN72 (M4 screw clamps)
72
5.5
38.5
66
10
–
Ammeters up to 5A & Voltmeters
DIN72 (M6 stud terminals)
72
5.5
38.5
66
19
–
Ammeters 6A to 50A
DIN72 (M8 stud terminals)
72
5.5
38.5
66
22
–
Ammeters 60A to 100A
DIN96 (M4 screw clamps)
96
5.5
38.5
90
10
20
Ammeters up to 5A & Voltmeters
DIN96 (M6 stud terminals)
96
5.5
38.5
90
19
20
Ammeters 6A to 50A
DIN96 (M8 stud terminals)
96
5.5
38.5
90
22
20
Ammeters 60A to 100A
DIN96 Watt-meter
96
5.5
123
90
13
–
DIN96 Power Factor Indicator
96
5.5
123
90
13
–
DIN96 Max. Demand Indicator 96
5.5
58
90
10
20
(M4 screw clamps)
DIN96 Combined M.D.I.
96
5.5
58
90
10
20
(M4 screw clamps)
Note: If terminal covers are fitted as an optional extra,
add 23mm to dimension ‘C’ for DIN72 & DIN96 meters,
and 25mm to dimension ‘C’ for DIN48 meters.
DIN 96
DIN 72
DIN 48



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com