Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLPC6422ZPC Datasheet(PDF) 36 Page - Texas Instruments

Part # DLPC6422ZPC
Description  DLPC6422 DLP® Digital Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLPC6422ZPC Datasheet(HTML) 36 Page - Texas Instruments

Back Button DLPC6422ZPC Datasheet HTML 32Page - Texas Instruments DLPC6422ZPC Datasheet HTML 33Page - Texas Instruments DLPC6422ZPC Datasheet HTML 34Page - Texas Instruments DLPC6422ZPC Datasheet HTML 35Page - Texas Instruments DLPC6422ZPC Datasheet HTML 36Page - Texas Instruments DLPC6422ZPC Datasheet HTML 37Page - Texas Instruments DLPC6422ZPC Datasheet HTML 38Page - Texas Instruments DLPC6422ZPC Datasheet HTML 39Page - Texas Instruments DLPC6422ZPC Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
This filter can be common to all the PLLs. The voltage drop across the resistor is limited by the 1.1V 1.15V
regulator tolerance and the DLPC6422 device voltage tolerance. A resistance of 0.36Ω and a 100µF ceramic
are recommended.
• The analog 1.8V PLL power pins must have a similar filter topology to the 1.1V 1.15V. In addition, it is
recommended that the 1.8V be generated with a dedicated linear regulator.
• When designing the overall supply filter network, care must be taken to ensure that no resonance occurs.
Particular care must be taken around the 1MHz to 2MHz band, as this coincides with the PLL natural loop
frequency.
Figure 7-5. PLL Filter Layout
DLPC6422
DLPS308A – JUNE 2025 – REVISED OCTOBER 2025
www.ti.com
36
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DLPC6422



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com