Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUXHS221F Datasheet(PDF) 9 Page - Texas Instruments

Part # TMUXHS221F
Description  TMUXHS221F Dual 2:1 USB 2.0 Mux/DeMux With 30V Overvoltage Protection and 1.2V Logic
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUXHS221F Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMUXHS221F Datasheet HTML 5Page - Texas Instruments TMUXHS221F Datasheet HTML 6Page - Texas Instruments TMUXHS221F Datasheet HTML 7Page - Texas Instruments TMUXHS221F Datasheet HTML 8Page - Texas Instruments TMUXHS221F Datasheet HTML 9Page - Texas Instruments TMUXHS221F Datasheet HTML 10Page - Texas Instruments TMUXHS221F Datasheet HTML 11Page - Texas Instruments TMUXHS221F Datasheet HTML 12Page - Texas Instruments TMUXHS221F Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
V
D+/-
OE
R
L
C
L
V
OE
V
OE
V
DX+/-
t
ON
0.8 V
90 %
10 %
1.8 V
V
D+/-
0 V
0 V
1.2 V
t
OFF
V
CC
2.3 V
A.
All input pulses are supplied by generators having the following characteristics: PRR = 10MHz, ZO = 50Ω, tr < 500ps, tf < 500ps.
B.
CL includes probe and jig capacitance.
Figure 6-5. tON, tOFF for OE
Switch
Network Analyzer
Source
Signal
50 O
50 O
D+
Source
Signal
50 O
50 O
D-
50 O
50 O
Figure 6-6. Off Isolation
Switch
Network Analyzer
Source
Signal
50
D+
50
D-
50
50
50
50
Figure 6-7. Cross Talk
www.ti.com
TMUXHS221F
SLVSIV4A – SEPTEMBER 2025 – REVISED NOVEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TMUXHS221F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com