Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS70451PWPR Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS70451PWPR
Description  DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS70451PWPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS70451PWPR Datasheet HTML 17Page - Texas Instruments TPS70451PWPR Datasheet HTML 18Page - Texas Instruments TPS70451PWPR Datasheet HTML 19Page - Texas Instruments TPS70451PWPR Datasheet HTML 20Page - Texas Instruments TPS70451PWPR Datasheet HTML 21Page - Texas Instruments TPS70451PWPR Datasheet HTML 22Page - Texas Instruments TPS70451PWPR Datasheet HTML 23Page - Texas Instruments TPS70451PWPR Datasheet HTML 24Page - Texas Instruments TPS70451PWPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
0.1
0.01
10
1
0
0.2
REGIONOFINSTABILITY
0.1
0.3
0.4 0.5
0.6 0.7
0.8 0.9
1
V
=3.3V
OUT1
C
=220 F
m
O
15mW
I
OutputCurrent
-
-
O
A
0.1
0.01
10
1
0
0.2
REGIONOFINSTABILITY
0.1
0.3
0.4 0.5
0.6 0.7
0.8 0.9
1
V
=3.3V
OUT1
C
=22 F
m
O
50mW
I
OutputCurrent
-
-
O
A
0.1
0.01
10
1
0
0.2
0.1
0.3
0.4 0.5
0.6 0.7
0.8 0.9
1
REGIONOFINSTABILITY
V
=1.8V
OUT2
C
=680 F
m
O
15mW
I
OutputCurrent
-
-
O
A
0.1
0.01
10
1
0
0.2
REGIONOFINSTABILITY
0.1
0.3
0.4 0.5
0.6 0.7
0.8 0.9
1
V
=1.8V
OUT2
C
=47 F
m
O
50mW
I
OutputCurrent
-
-
O
A
TPS70445, TPS70448
TPS70451, TPS70458
TPS70402
www.ti.com
SLVS307F – SEPTEMBER 2000 – REVISED APRIL 2010
TYPICAL CHARACTERISTICS (continued)
TYPICAL REGION OF STABILITY
TYPICAL REGION OF STABILITY
EQUIVALENT SERIES RESISTANCE(1)
EQUIVALENT SERIES RESISTANCE(1)
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 29.
Figure 30.
TYPICAL REGION OF STABILITY
TYPICAL REGION OF STABILITY
EQUIVALENT SERIES RESISTANCE(1)
EQUIVALENT SERIES RESISTANCE(1)
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 31.
Figure 32.
(1) Equivalent series resistance (ESR) refers to the total series resistance, including the ESR of the capacitor, any
series resistance added externally, and PWB trace resistance to CO.
Copyright © 2000–2010, Texas Instruments Incorporated
Submit Documentation Feedback
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com