Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB1064RNQR Datasheet(PDF) 29 Page - Texas Instruments

Part # TUSB1064RNQR
Description  TUSB1064 USB TYPE-C™ DP Alt Mode 10 Gbps Sink-Side Linear Redriver Crosspoint Switch
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1064RNQR Datasheet(HTML) 29 Page - Texas Instruments

Back Button TUSB1064RNQR Datasheet HTML 25Page - Texas Instruments TUSB1064RNQR Datasheet HTML 26Page - Texas Instruments TUSB1064RNQR Datasheet HTML 27Page - Texas Instruments TUSB1064RNQR Datasheet HTML 28Page - Texas Instruments TUSB1064RNQR Datasheet HTML 29Page - Texas Instruments TUSB1064RNQR Datasheet HTML 30Page - Texas Instruments TUSB1064RNQR Datasheet HTML 31Page - Texas Instruments TUSB1064RNQR Datasheet HTML 32Page - Texas Instruments TUSB1064RNQR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
29
TUSB1064
www.ti.com
SLLSF48C – MARCH 2018 – REVISED SEPTEMBER 2019
Product Folder Links: TUSB1064
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
8.6.8 USB3.1 Control/Status Registers (address = 0x22) [reset = 00000000]
Figure 25. USB3.1 Control/Status Registers (0x22)
7
6
5
4
3
2
1
0
CM_ACTIVE
LFPS_EQ
U2U3_LFPS_D
EBOUNCE
DISABLE_U2U
3_RXDET
DFP_RXDET_INTERVAL
USB3_COMPLIANCE_CTRL
R/U
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 18. USB3.1 Control/Status Registers (0x22)
Bit
Field
Type
Reset
Description
7
CM_ACTIVE
R/U
0
0 –device not in USB 3.1 compliance mode. (Default)
1 –device in USB 3.1 compliance mode
6
LFPS_EQ
R/W
0
Controls whether settings of EQ based on EQ1_SEL, EQ2_SEL
and SSEQ_SEL applies to received LFPS signal.
0 – EQ set to zero when receiving LFPS (default)
1 – EQ set to EQ1_SEL, EQ2_SEL, and SSEQ_SEL when
receiving LFPS.
5
U2U3_LFPS_DEBOUNCE
R/W
0
0 – No debounce of LFPS before U2/U3 exit. (Default)
1 – 200us debounce of LFPS before U2/U3 exit.
4
DISABLE_U2U3_RXDET
R/W
0
0 – Rx.Detect in U2/U3 enabled. (Default)
1 – Rx.Detect in U2/U3 disabled.
3:2
DFP_RXDET_INTERVAL
R/W
00
This field controls the Rx.Detect interval for the Downstream
facing port (TX1P/N and TX2P/N).
00 – 8 ms
01 – 12 ms (default)
10 – Reserved
11 – Reserved
1:0
USB3_COMPLIANCE_CTRL
R/W
00
00 – FSM determined compliance mode. (Default)
01 – Compliance Mode enabled in DFP direction (SSTX ->
TX1/TX2)
10 – Compliance Mode enabled in UFP direction (RX1/RX2 ->
SSRX)
11 – Compliance Mode Disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com