Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB212I Datasheet(PDF) 2 Page - Texas Instruments

Part # TUSB212I
Description  TUSB212 USB 2.0 High Speed Signal Conditioner
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB212I Datasheet(HTML) 2 Page - Texas Instruments

  TUSB212I Datasheet HTML 1Page - Texas Instruments TUSB212I Datasheet HTML 2Page - Texas Instruments TUSB212I Datasheet HTML 3Page - Texas Instruments TUSB212I Datasheet HTML 4Page - Texas Instruments TUSB212I Datasheet HTML 5Page - Texas Instruments TUSB212I Datasheet HTML 6Page - Texas Instruments TUSB212I Datasheet HTML 7Page - Texas Instruments TUSB212I Datasheet HTML 8Page - Texas Instruments TUSB212I Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
2
TUSB212
SLLSEX5A – AUGUST 2017 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: TUSB212
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics........................................... 5
6.6
Switching Characteristics .......................................... 6
6.7
Typical Characteristics .............................................. 7
7
Detailed Description .............................................. 8
7.1
Overview ................................................................... 8
7.2
Functional Block Diagram ......................................... 8
7.3
Feature Description................................................... 8
7.4
Device Functional Modes.......................................... 9
8
Application and Implementation ........................ 10
8.1
Application Information............................................ 10
8.2
Typical Application ................................................. 10
9
Power Supply Recommendations ...................... 17
10
Layout................................................................... 18
10.1
Layout Guidelines ................................................. 18
10.2
Layout Example .................................................... 18
11
Device and Documentation Support ................. 19
11.1
Documentation Support ....................................... 19
11.2
Receiving Notification of Documentation Updates 19
11.3
Community Resources.......................................... 19
11.4
Trademarks ........................................................... 19
11.5
Electrostatic Discharge Caution ............................ 19
11.6
Glossary ................................................................ 19
12
Mechanical, Packaging, and Orderable
Information ........................................................... 19
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Original (August 2017) to Revision A
Page
•
Changed Note From: Pull-up resistors for SDA and SCL pins in I
2C mode should be 2 kΩ (5%). To: Pull-up resistors
for SDA and SCL pins in I
2C mode should be 4.7 kΩ (5%) in the Pin Functions table.......................................................... 3
•
Added Test Conditions to RSTN: VIH and VIL in the Electrical Characteristics table.............................................................. 5
•
Added new parameters to SCL/SDA: VIH, VIL, VSDA_OL, ISDA_OL the Electrical Characteristics table ..................................... 5
•
Added Test Conditions To: DC_BOOST: VIH, VIM, and VIL the Electrical Characteristics table ............................................. 5
•
Added test conditions to trise_dxx and tfall_dxx in the Switching Characteristics table ................................................................. 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com