Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB2E221 Datasheet(PDF) 6 Page - Texas Instruments

Part # TUSB2E221
Description  TUSB2E221 USB 2.0-eUSB2 Dual Repeater
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB2E221 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TUSB2E221 Datasheet HTML 2Page - Texas Instruments TUSB2E221 Datasheet HTML 3Page - Texas Instruments TUSB2E221 Datasheet HTML 4Page - Texas Instruments TUSB2E221 Datasheet HTML 5Page - Texas Instruments TUSB2E221 Datasheet HTML 6Page - Texas Instruments TUSB2E221 Datasheet HTML 7Page - Texas Instruments TUSB2E221 Datasheet HTML 8Page - Texas Instruments TUSB2E221 Datasheet HTML 9Page - Texas Instruments TUSB2E221 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 63 page
background image
Table 5-1. Pin Functions
PIN
I/O
RESET
STATE
ASSOCIATED
ESD SUPPLY
DESCRIPTION
NAME
VBW
YCG
CROSS
–
C2
Digital Input
N/A
VDD3V3
Indicates mux orientation. Used to specify orientation of internal Crossbar
switch
CROSS = Low: eUSB0 «–» USBA and eUSB1 «–» USBB
CROSS = High: eUSB0 «–» USBB and eUSB1«–» USBA
Sampled at deassertion of RESETB
DNA
9
B5
Analog I/O
Hi-Z
VDD3V3
USB port A D- pin
DPA
10
A5
Analog I/O
Hi-Z
VDD3V3
USB port A D+ pin
DNB
7
D5
Analog I/O
Hi-Z
VDD3V3
USB port B D- pin
DPB
6
E5
Analog I/O
Hi-Z
VDD3V3
USB port B D+ pin
eDN0
17
B1
Analog I/O
Hi-Z
VDD1V8
eUSB2 port 0 D- pin
eDP0
16
A1
Analog I/O
Hi-Z
VDD1V8
eUSB2 port 0 D+ pin
eDN1
19
D1
Analog I/O
Hi-Z
VDD1V8
eUSB2 port 1 D- pin
eDP1
20
E1
Analog I/O
Hi-Z
VDD1V8
eUSB2 port 1 D+ pin
EQ0
2
E2
Digital I/O
Internal
pulldown
1MΩ
typical
(disabled
after
reset)
VDD3V3
(See Table 5-2)
EQ1
4
E3
Digital I/O
Internal
pulldown
1MΩ
typical
(disabled
after
reset)
VDD3V3
(See Table 5-2)
EQ2/INT
12
A4
Digital I/O
Internal
pulldown
1MΩ
typical
(disabled
after
reset)
VDD3V3
I2C Mode: Open Drain active low level sensitive interrupt output to system
non-I2C Mode: (See Table 5-2)
GND
8
B3
GND
N/A
N/A
GND
C1
C4
18
C5
D3
RESETB
5
E4
Digital Input
N/A
VDD1V8
Active Low Reset. After the RESETB deassertion, both repeaters are be
enabled and in eUSB2 default mode awaiting configuration from eDSPr or
eUSPr.
SCL
13
A3
Digital I/O
Internal
pulldown
1MΩ
typical
(disabled
after
reset)
VDD3V3
I2 clock
Open drain
I/O.
Device Mode Matrix
(See Table 5-2)
SCL
SDA
Mode
Low
Low
Non-I2C USB
Repeater (See
Table 5-3)
Low
High
Non-I2C USB
Repeater (See
Table 5-3) BC
1.2 CDP
advertising
enabled in host
mode
SDA
14
A2
Digital I/O
Internal
pulldown
1MΩ
typical
(disabled
after
reset)
VDD3V3
Bidirectional
I2C data.
Open drain
I/O. Pulled up
to I2C rail
through an
external
resistor
High
Low
Non-I2C USB
Repeater (See
Table 5-5)
High
High
I2C Enabled
TUSB2E221
SNLS757D – JUNE 2024 – REVISED OCTOBER 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TUSB2E221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com