Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB320 Datasheet(PDF) 15 Page - Texas Instruments

Part # TUSB320
Description  TUSB320 USB Type-C™ Configuration Channel Logic and Port Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB320 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TUSB320 Datasheet HTML 11Page - Texas Instruments TUSB320 Datasheet HTML 12Page - Texas Instruments TUSB320 Datasheet HTML 13Page - Texas Instruments TUSB320 Datasheet HTML 14Page - Texas Instruments TUSB320 Datasheet HTML 15Page - Texas Instruments TUSB320 Datasheet HTML 16Page - Texas Instruments TUSB320 Datasheet HTML 17Page - Texas Instruments TUSB320 Datasheet HTML 18Page - Texas Instruments TUSB320 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
7.4.4 Shutdown Mode
Shutdown mode for TUSB320 device is defined as follows:
• Supply voltage available and EN_N pin is pulled high.
• EN_N pin has internal pullup resistor.
• The TUSB320 device is off, but still maintains the Rd on the CC pins.
7.5 Programming
For further programmability, the TUSB320 device can be controlled using I2C. The TUSB320 device local
I2C interface is available for reading/writing after TI2C_EN when the device is powered up. The SCL and SDA
terminals are used for I2C clock and I2C data respectively. If I2C is the preferred method of control, the ADDR pin
must be set accordingly.
Table 7-5. TUSB320 I2C Addresses
TUSB320 I2C Target Address
ADDR pin
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (W/R)
H
1
1
0
0
0
0
1
0/1
L
1
1
0
0
0
0
0
0/1
The following procedure should be followed to write to TUSB320 I2C registers:
1. The controller initiates a write operation by generating a start condition (S), followed by the TUSB320 7-bit
address and a zero-value R/W bit to indicate a write cycle
2. The TUSB320 device acknowledges the address cycle
3. The controller presents the sub-address (I2C register within the TUSB320 device) to be written, consisting of
one byte of data, MSB-first
4. The TUSB320 device acknowledges the sub-address cycle
5. The controller presents the first byte of data to be written to the I2C register
6. The TUSB320 device acknowledges the byte transfer
7. The controller may continue presenting additional bytes of data to be written, with each byte transfer
completing with an acknowledge from the TUSB320 device
8. The controller terminates the write operation by generating a stop condition (P)
The following procedure should be followed to read the TUSB320 I2C registers:
1. The controller initiates a read operation by generating a start condition (S), followed by the TUSB320 7-bit
address and a one-value R/W bit to indicate a read cycle
2. The TUSB320 device acknowledges the address cycle
3. The TUSB320 device transmits the contents of the memory registers MSB-first starting at register 00h or
last read sub-address+1. If a write to the T I2C register occurred prior to the read, then the TUSB320 device
starts at the sub-address specified in the write.
4. The TUSB320 device waits for either an acknowledge (ACK) or a not-acknowledge (NACK) from the
controller after each byte transfer; the I2C controller acknowledges reception of each data byte transfer
5. If an ACK is received, the TUSB320 device transmits the next byte of data
6. The controller terminates the read operation by generating a stop condition (P)
The following procedure should be followed for setting a starting sub-address for I2C reads:
1. The controller initiates a write operation by generating a start condition (S), followed by the TUSB320 7-bit
address and a zero-value R/W bit to indicate a read cycle
2. The TUSB320 device acknowledges the address cycle
3. The controller presents the sub-address (I2C register within the TUSB320 device) to be read, consisting of
one byte of data, MSB-first
4. The TUSB320 device acknowledges the sub-address cycle
5. The controller terminates the read operation by generating a stop condition (P)
www.ti.com
TUSB320, TUSB320I
SLLSEN9F – MAY 2015 – REVISED MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: TUSB320 TUSB320I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com