Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB320LAI Datasheet(PDF) 1 Page - Texas Instruments

Part # TUSB320LAI
Description  TUSB320LAI, TUSB320HAI USB Type-C Configuration Channel Logic and Port Control
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB320LAI Datasheet(HTML) 1 Page - Texas Instruments

  TUSB320LAI Datasheet HTML 1Page - Texas Instruments TUSB320LAI Datasheet HTML 2Page - Texas Instruments TUSB320LAI Datasheet HTML 3Page - Texas Instruments TUSB320LAI Datasheet HTML 4Page - Texas Instruments TUSB320LAI Datasheet HTML 5Page - Texas Instruments TUSB320LAI Datasheet HTML 6Page - Texas Instruments TUSB320LAI Datasheet HTML 7Page - Texas Instruments TUSB320LAI Datasheet HTML 8Page - Texas Instruments TUSB320LAI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
CC1
CC2
GPIO
CC Logic
For Mode
Configuration and
Detection
GPIOs
I2C
Controller
VBUS
Detection
VBUS
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TUSB320LAI, TUSB320HAI
SLLSEQ8D – OCTOBER 2015 – REVISED MAY 2017
TUSB320LAI, TUSB320HAI USB Type-C Configuration Channel Logic and Port Control
1
1 Features
1
•
USB Type-C™ Specification 1.1
•
Backward Compatible with USB Type-C
Specification 1.0
•
Supports Up to 3 A of Current Advertisement and
Detection
•
Mode Configuration
–
Host Only – DFP (Source)
–
Device Only – UFP (Sink)
–
Dual Role Port – DRP
–
Supports both Try.SRC and Try.SNK
•
Channel Configuration (CC)
–
Attach of USB Port Detection
–
Cable Orientation Detection
–
Role Detection
–
Type-C Current Mode (Default, Medium, High)
•
VBUS Detection
•
I2C or GPIO Control
•
Supports up to 400 kHz I2C
•
Role Configuration Control Through I2C
•
Supply Voltage: 2.7 V to 5 V
•
Low Current Consumption
•
Industrial Temperature Range of –40 to 85°C
2 Applications
•
Host, Device, Dual Role Port Applications
•
Mobile Phones
•
Tablets and Notebooks
•
USB Peripherals
3 Description
The TUSB320LA and TUSB320HA devices, hereafter
called TUSB320 unless otherwise noted, are Texas
Instrument's third generation Type-C configuration
channel logic and port controller. The TUSB320
devices use the CC pins to determine port attach and
detach, cable orientation, role detection, and port
control for Type-C current mode. The TUSB320
devices can be configured as a downstream facing
port (DFP), upstream facing port (UFP) or a dual role
port (DRP) making them ideal for any application.
The
TUSB320
devices
have
an
alternate
configuration as a DFP or UFP according to the
Type-C specifications. The CC logic block monitors
the CC1 and CC2 pins for pullup or pulldown
resistances to determine when a USB port has been
attached, the orientation of the cable, and the role
detected. The CC logic detects the Type-C current
mode as default, medium, or high depending on the
role detected. VBUS detection is implemented to
determine a successful attach in UFP and DRP
modes.
The devices operate over a wide supply range and
have low-power consumption. The TUSB320 is
available in two versions of enable: Active low enable
called TUSB320LA and active high enable called
TUSB320HA. The TUSB320 family of devices are
available in industrial temperature ranges.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TUSB320LAI
X2QFN (12)
1.60 mm × 1.60 mm
TUSB320HAI
X2QFN (12)
1.60 mm × 1.60 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
Sample Applications


Similar Part No. - TUSB320LAI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB320LAI TI1-TUSB320LAI Datasheet
1Mb / 38P
USB Type-C Configuration Channel Logic and Port Control
TUSB320LAIRWBR TI1-TUSB320LAIRWBR Datasheet
1Mb / 38P
USB Type-C Configuration Channel Logic and Port Control
More results

Similar Description - TUSB320LAI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB321AI TI1-TUSB321AI Datasheet
825Kb / 21P
USB Type-C Configuration Channel Logic and Port Control
TUSB322I TI1-TUSB322I Datasheet
1Mb / 37P
Configuration Channel Logic and Port Control
TUSB321AI TI1-TUSB321AI_15 Datasheet
825Kb / 21P
TUSB321AI USB Type-C Configuration Channel Logic and Port Control with VCONN
TUSB322I TI1-TUSB322I_15 Datasheet
1Mb / 37P
TUSB322I USB Type-C??Configuration Channel Logic and Port Control with VCONN
TUSB320 TI1-TUSB320 Datasheet
1Mb / 35P
USB Type-C Configuration Channel Logic and Port Control
TUSB320HI TI1-TUSB320HI Datasheet
1Mb / 38P
USB Type-C Configuration Channel Logic and Port Control
TUSB320LAI TI1-TUSB320LAI Datasheet
1Mb / 38P
USB Type-C Configuration Channel Logic and Port Control
TUSB321 TI1-TUSB321 Datasheet
1Mb / 24P
USB Type-C Configuration Channel Logic and Port Control with VCONN
TUSB422 TI1-TUSB422 Datasheet
2Mb / 71P
USB Type-C Port Control with Power Delivery
logo
Will Semiconductor Ltd.
WUSB3801 WILLSEMI-WUSB3801 Datasheet
323Kb / 16P
USB Type-C Configuration Channel Flippable Adapter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com