Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB321AI Datasheet(PDF) 14 Page - Texas Instruments

Part # TUSB321AI
Description  TUSB321AI USB Type-C Configuration Channel Logic and Port Control with VCONN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB321AI Datasheet(HTML) 14 Page - Texas Instruments

Back Button TUSB321AI_V01 Datasheet HTML 10Page - Texas Instruments TUSB321AI_V01 Datasheet HTML 11Page - Texas Instruments TUSB321AI_V01 Datasheet HTML 12Page - Texas Instruments TUSB321AI_V01 Datasheet HTML 13Page - Texas Instruments TUSB321AI_V01 Datasheet HTML 14Page - Texas Instruments TUSB321AI_V01 Datasheet HTML 15Page - Texas Instruments TUSB321AI_V01 Datasheet HTML 16Page - Texas Instruments TUSB321AI_V01 Datasheet HTML 17Page - Texas Instruments TUSB321AI_V01 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
14
TUSB321AI
SLLSER2A – OCTOBER 2015 – REVISED MAY 2017
www.ti.com
Product Folder Links: TUSB321AI
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
8.3 Initialization Set Up
The general power-up sequence for the TUSB321AI device is as follows:
1. System is powered off (device has no VDD). The TUSB321AI device is configured internally in UFP mode
with Rds on CC pins.
2. VDD ramps – POR circuit.
3. The TUSB321AI device enters unattached mode and determines the voltage level from the PORT pin. This
determines the mode in which the TUSB321AI device operates (DFP, UFP, DRP).
4. The TUSB321AI device monitors the CC pins as a DFP and VBUS for attach as a UFP.
5. The TUSB321AI device enters active mode when attach has been successfully detected.
9 Power Supply Recommendations
The TUSB321AI device has a wide power supply range from 4.5 to 5.5 V. The TUSB321AI device can be run off
of a system power such as a battery.
10 Layout
10.1 Layout Guidelines
1. An extra trace (or stub) is created when connecting between more than two points. A trace connecting pin A6
to pin B6 will create a stub because the trace also has to go to the USB Host. Ensure that:
A stub created by short on pin A6 (DP) and pin B6 (DP) at Type-C receptacle does not exceed 3.5 mm.
A stub created by short on pin A7 (DM) and pin B7 (DM) at Type-C receptacle does not exceed 3.5 mm.
2. A 100-nF capacitor should be placed as close as possible to the TUSB321AI VDD pin.
10.2 Layout Example
Figure 5. TUSB321AI Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com