Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB214RWBT Datasheet(PDF) 9 Page - Texas Instruments

Part # TUSB214RWBT
Description  TUSB214 USB 2.0 High Speed Signal Conditioner with BC1.2 CDP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB214RWBT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TUSB214RWBT Datasheet HTML 5Page - Texas Instruments TUSB214RWBT Datasheet HTML 6Page - Texas Instruments TUSB214RWBT Datasheet HTML 7Page - Texas Instruments TUSB214RWBT Datasheet HTML 8Page - Texas Instruments TUSB214RWBT Datasheet HTML 9Page - Texas Instruments TUSB214RWBT Datasheet HTML 10Page - Texas Instruments TUSB214RWBT Datasheet HTML 11Page - Texas Instruments TUSB214RWBT Datasheet HTML 12Page - Texas Instruments TUSB214RWBT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9
TUSB214
www.ti.com
SLLSEX7A – AUGUST 2017 – REVISED SEPTEMBER 2017
Product Folder Links: TUSB214
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.3.3 BC1.2 CDP Support
The TUSB214 main function is a signal conditioner offering the AC/DC Boost features to the incoming DP/DM
signals. For applications in which USB host or hub does not provide USB BC charging downstream port (CDP)
functionality, the TUSB214 can perform this task.
7.4 Device Functional Modes
7.4.1 Low Speed (LS) Mode
TUSB214 automatically detects a LS connection and does not enable signal compensation. CD pin is asserted
high.
7.4.2 Full Speed (FS) Mode
TUSB214 automatically detects a FS connection and does not enable signal compensation. CD pin is asserted
high.
7.4.3 High Speed (HS) Mode
TUSB214 automatically detects a HS connection and will enable signal compensation as determined by the
configuration of the DC_BOOST pin and the external pulldown resistance on its EQ pin. CD pin is asserted high.
7.4.4 Shutdown Mode
TUSB214 is disabled when its RSTN pin is asserted low. In shutdown mode the USB channel is still fully
operational, but there is neither signal compensation nor any indication from the CD pin as to the status of the
channel.
7.4.5 I2C Mode
TUSB215 supports 100 kHz I2C for device configuration, status readback and test purposes. This controller is
enabled after SCL and SDA pins are sampled high shortly after de-assertion of RSTN. In this mode, the register
as described in Table 2 can be accessed by I2C read/write transaction to 7-bit slave address 0x2C. It is
necessary to set CFG_ACTIVE bit and reset it to zero after making changes to the EQ and DC Boost level
registers to restart the state machine.
NOTE
All registers or fields in Table 2 which are not specifically mentioned are considered
reserved. The default value of these reserved registers or fields must not be changed. It is
suggested to perform a read-modify-write operation to maintain the default value of the
reserved fields.
Table 2. Register definition
Offset
Bit(s)
Name
Type
Default
Description
0x01
6:4
ACB_LVL
RW
XXX (Sampled from EQ
pin at reset)
Sets the level of AC Boost
000 : Level 0 AC Boost programmed [MIN]
001 : Level 1 AC Boost programmed
011 : Level 2 AC Boost programmed
111 : Level 3 AC Boost programmed [MAX]
0x03
0
CFG_ACTIVE
RW
1b
Configuration mode
0 : Normal mode. State machine enabled.
1 : Configuration mode: State machine disabled.
After reset, if I2C mode is true (SCL and SDA are
both pulled high) it is maintained until it is cleared
by an I2C write, but, if I2C mode is not true, it is
cleared automatically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com