Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB321RWBR Datasheet(PDF) 11 Page - Texas Instruments

Part # TUSB321RWBR
Description  TUSB321 USB Type-C™ Configuration Channel Logic and Port Control with VCONN
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB321RWBR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TUSB321RWBR Datasheet HTML 7Page - Texas Instruments TUSB321RWBR Datasheet HTML 8Page - Texas Instruments TUSB321RWBR Datasheet HTML 9Page - Texas Instruments TUSB321RWBR Datasheet HTML 10Page - Texas Instruments TUSB321RWBR Datasheet HTML 11Page - Texas Instruments TUSB321RWBR Datasheet HTML 12Page - Texas Instruments TUSB321RWBR Datasheet HTML 13Page - Texas Instruments TUSB321RWBR Datasheet HTML 14Page - Texas Instruments TUSB321RWBR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11
TUSB321
www.ti.com
SLLSEO6C – JUNE 2015 – REVISED AUGUST 2018
Product Folder Links: TUSB321
Submit Documentation Feedback
Copyright © 2015–2018, Texas Instruments Incorporated
Table 2. Type-C Current Advertisement and Detection
TYPE-C CURRENT
UFP or DRP acting as UFP
Current Detection
DFP or DRP acting as DFP
Current Advertisement
Default
500 mA (USB2.0)
900 mA (USB3.1)
OUT1 = High
OUT2 = High (unattached) or Low (attached)
CURRENT_MODE = L
Medium - 1.5 A
OUT1 = Low
OUT2 = High
CURRENT_MODE = M
High - 3 A
OUT1 = Low
OUT2 = Low
CURRENT_MODE = H
(1)
Required; not in sequential order.
7.3.3 VBUS Detection
The TUSB321 device supports VBUS detection according to the Type-C Specification. VBUS detection is used to
determine the attachment and detachment of a UFP. VBUS detection is also used to successfully resolve the role
in DRP mode.
The system VBUS voltage must be routed through a RVBUS resistor to the VBUS_DET pin on the TUSB321 device
if the PORT pin is configured as a DRP or a UFP. If the TUSB321 device is configured as a DFP and only ever
used in DFP mode, the VBUS_DET pin can be left unconnected.
7.3.4 Cable Orientation and External MUX Control
The TUSB321 device has the ability to control an external/discrete MUX using the DIR pin. The TUSB321
detects the cable orientation by monitoring the voltage on the CC pins. When a voltage level within the proper
threshold is detected on CC1, the DIR pin is pulled low. When a voltage level within the proper threshold is
detected on CC2, the DIR is pulled high. If the direction polarity of the external MUX is opposite of the TUSB321,
the TUSB321 CC1/CC2 connection to USB Type-C receptacle can be reversed. The DIR pin is an open drain
output.
7.3.5 VCONN Support for Active Cables
The TUSB321 device supplies VCONN to active cables when configured in DFP mode or in DRP acting as a
DFP mode. VCONN is provided only when the unconnected CC pin is terminated to a resistance, Ra, and after a
UFP is detected and the Attached.SRC state is entered. When in DFP mode or in DRP acting as a DFP mode, a
5-V source must be connected to the VDD pin of the TUSB321 device after Attached.SRC. VCONN is supplied
from VDD through a low resistance power FET out to the unconnected CC pin. VCONN is removed when a
detach event is detected and the active cable is removed.
7.4 Device Functional Modes
The TUSB321 device has two functional modes. Table 3 lists these modes:
Table 3. USB Type-C States According to TUSB321 Functional Modes
MODES
GENERAL BEHAVIOR
PORT PIN
STATES(1)
Unattached
USB port unattached. ID, PORT
operational. CC pins configure
according to PORT pin.
UFP
Unattached.SNK
AttachWait.SNK
DRP
Toggle Unattached.SNK
→ Unattached.SRC
AttachedWait.SRC or AttachedWait.SNK
DFP
Unattached.SRC
AttachWait.SRC
Active
USB port attached. All GPIOs
operational.
UFP
Attached.SNK
DRP
Attached.SNK
Attached.SRC
DFP
Attached.SRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com