Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB322I Datasheet(PDF) 9 Page - Texas Instruments

Part # TUSB322I
Description  TUSB322I USB Type-C™ Configuration Channel Logic and Port Control with VCONN
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB322I Datasheet(HTML) 9 Page - Texas Instruments

Back Button TUSB322I Datasheet HTML 5Page - Texas Instruments TUSB322I Datasheet HTML 6Page - Texas Instruments TUSB322I Datasheet HTML 7Page - Texas Instruments TUSB322I Datasheet HTML 8Page - Texas Instruments TUSB322I Datasheet HTML 9Page - Texas Instruments TUSB322I Datasheet HTML 10Page - Texas Instruments TUSB322I Datasheet HTML 11Page - Texas Instruments TUSB322I Datasheet HTML 12Page - Texas Instruments TUSB322I Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
• USB Type-C receptacle for USB2.0 and USB3.1 and full-featured platforms and devices
• USB full-featured Type-C plug
• USB2.0 Type-C plug
6.3.1.2 USB Type-C Cables
Below is a list of Type-C cables types supported by the TUSB322I device:
• USB full-featured Type-C cable with USB3.1 full-featured plug
• USB2.0 Type-C cable with USB2.0 plug
• Captive cable with either a USB full-featured plug or USB2.0 plug
6.3.1.3 Legacy Cables and Adapters
The TUSB322I device supports legacy cable adapters as defined by the Type-C Specification. The cable adapter
must correspond to the mode configuration of the TUSB322I device.
VBUS
Rp (56k ±5%)
CC
CC
TUSB322
Legacy Host Adapter
Rd (5.1k ± 10%)
900KΩ ±1%
VBUS_DET
To System VBUS detection
Copyright © 2016, Texas Instruments Incorporated
Figure 6-1. Legacy Adapter Implementation Circuit
6.3.1.4 Direct Connect Devices
The TUSB322I device supports the attaching and detaching of a direct-connect device.
6.3.1.5 Audio Adapters
Additionally, the TUSB322I device supports audio adapters for audio accessory mode, including:
• Passive Audio Adapter
• Charge Through Audio Adapter
6.3.2 Port Role Configuration
The TUSB322I default operation is dual-role port (DRP). The TUSB322I will always default to DRP operation
anytime EN_N is asserted from high to low or I2C_SOFT_RESET bit is set. But the TUSB322I can be configured
as DFP-only or UFP-only through changing the default state of the MODE_SELECT register. DFP-only and
UFP-only mode is not available in GPIO mode. Table 6-1 lists the supported features in each mode:
www.ti.com
TUSB322I
SLLSEO5D – OCTOBER 2015 – REVISED MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TUSB322I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com