Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB8041I Datasheet(PDF) 26 Page - Texas Instruments

Part # TUSB8041I
Description  TUSB8041 Four-Port USB 3.0 Hub
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8041I Datasheet(HTML) 26 Page - Texas Instruments

Back Button TUSB8041I Datasheet HTML 22Page - Texas Instruments TUSB8041I Datasheet HTML 23Page - Texas Instruments TUSB8041I Datasheet HTML 24Page - Texas Instruments TUSB8041I Datasheet HTML 25Page - Texas Instruments TUSB8041I Datasheet HTML 26Page - Texas Instruments TUSB8041I Datasheet HTML 27Page - Texas Instruments TUSB8041I Datasheet HTML 28Page - Texas Instruments TUSB8041I Datasheet HTML 29Page - Texas Instruments TUSB8041I Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 49 page
background image
26
TUSB8041
SLLSEE4E – JUNE 2014 – REVISED JUNE 2016
www.ti.com
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
8.5.18 Product String Length Register
Table 36. Register Offset 24h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
0
Table 37. Bit Descriptions – Product String Length Register
Bit
Field Name
Access
Description
7
RSVD
RO
Reserved. Read only, returns 0 when read.
6:0
prodStringLen
RO/RW
Product string length. The string length in bytes for the product string.
The default value is 0, indicating that a product string is not provided.
The maximum string length is 64 bytes.
When customStrings is 1, this field may be over-written by the contents
of an attached EEPROM or by an SMBus host.
When the field is non-zero, a product string of prodStringLen bytes is
returned at string index 3 from the data contained in the Product String
registers.
8.5.19 Serial Number String Registers
Table 38. Register Offset 30h-4Fh
Bit No.
7
6
5
4
3
2
1
0
Reset State
X
X
x
x
x
x
x
x
Table 39. Bit Descriptions – Serial Number Registers
Bit
Field Name
Access
Description
7:0
serialNumber[n]
RO/RW
Serial Number byte N. The serial number returned in the Serial Number
string descriptor at string index 1. The default value of these registers is
assigned by TI. When customSernum is 1, these registers may be over-
written by EEPROM contents or by an SMBus host.
8.5.20 Manufacturer String Registers
Table 40. Register Offset 50h-8Fh
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
0
Table 41. Bit Descriptions – Manufacturer String Registers
Bit
Field Name
Access
Description
7:0
mfgStringByte[n]
RW
Manufacturer string byte N. These registers provide the string values
returned for string index 3 when mfgStringLen is greater than 0. The
number of bytes returned in the string is equal to mfgStringLen.
The programmed data should be in UNICODE UTF-16LE encodings as
defined by The Unicode Standard, Worldwide Character Encoding,
Version 5.0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com