Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB8043AIRGCT Datasheet(PDF) 31 Page - Texas Instruments

Part # TUSB8043AIRGCT
Description  TUSB8043A Four-port USB 3.2 x1 Gen1 Hub
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8043AIRGCT Datasheet(HTML) 31 Page - Texas Instruments

Back Button TUSB8043AIRGCT Datasheet HTML 27Page - Texas Instruments TUSB8043AIRGCT Datasheet HTML 28Page - Texas Instruments TUSB8043AIRGCT Datasheet HTML 29Page - Texas Instruments TUSB8043AIRGCT Datasheet HTML 30Page - Texas Instruments TUSB8043AIRGCT Datasheet HTML 31Page - Texas Instruments TUSB8043AIRGCT Datasheet HTML 32Page - Texas Instruments TUSB8043AIRGCT Datasheet HTML 33Page - Texas Instruments TUSB8043AIRGCT Datasheet HTML 34Page - Texas Instruments TUSB8043AIRGCT Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 62 page
background image
31
TUSB8043A
www.ti.com
SLLSF94 – JUNE 2019
Product Folder Links: TUSB8043A
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.5.11 Device Configuration Register 2
Figure 12. Register Offset Ah
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
X
0
0
0
0
0
Table 16. Bit Descriptions – Device Configuration Register 2
Bit
Field
Type
Description
7
Reserved
RO
Reserved. Read-only, returns 0 when read.
6
customBCfeatures
RW
Custom Battery Charging Feature Enable. This bit controls the ability
to write to the battery charging feature configuration controls.
0 = The HiCurAcpModeEn is read only and the values are loaded from
the OTP ROM.
1 = The HiCurAcpModeEn bit is read/write and can be loaded by
EEPROM or written by SMBus.
This bit may be written simultaneously with HiCurAcpModeEn.
5
pwrctlPol
RW
Power enable polarity. This bit is loaded at the de-assertion of reset
with the value of the PWRCTL_POL pin.
0 = PWRCTL polarity is active low
1 = PWRCTL polarity is active high
When the TUSB8043A is in I2C mode, the TUSB8043A loads this bit
from the contents of the EEPROM.
When the TUSB8043A is in SMBUS mode, the value may be over-
written by an SMBus host.
4
HiCurAcpModeEn
RO/RW
High-current ACP mode enable. This bit enables the high-current tablet
charging mode when the automatic battery charging mode is enabled
for downstream ports.
0 = High current divider mode disabled . High current is ACP2(default)
1 = High current divider mode enabled. High current mode is ACP3
This bit is read only unless the customBCfeatures bit is set to 1. If
customBCfeatures is 0, the value of this bit reflects the value of the
OTP ROM HiCurAcpModeEn bit.
3:2
Reserved
RW
Reserved. These registers are unused and returns whatever value was
written.
1
autoModeEnz
RW
Automatic Mode Enable. This bit is loaded at the de-assertion of reset
with the value of the AUTOENz/HS_SUSPEND pin.
The automatic mode only applies to downstream ports with battery
charging enabled when the upstream port is not connected. Under
these conditions:
0 = Automatic mode battery charging features are enabled.
1 = Automatic mode is disabled; only Battery Charging DCP and CDP
mode is supported.
NOTE: When the upstream port is connected, Battery Charging CDP
mode is supported on all ports that are enabled for battery charging
support regardless of the value of this bit.
0
RSVD
RO
Reserved. Read only, returns 0 when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com