Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB9261IPVP Datasheet(PDF) 7 Page - Texas Instruments

Part # TUSB9261IPVP
Description  TUSB9261 USB 3.0 to SATA Bridge
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB9261IPVP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TUSB9261IPVP Datasheet HTML 3Page - Texas Instruments TUSB9261IPVP Datasheet HTML 4Page - Texas Instruments TUSB9261IPVP Datasheet HTML 5Page - Texas Instruments TUSB9261IPVP Datasheet HTML 6Page - Texas Instruments TUSB9261IPVP Datasheet HTML 7Page - Texas Instruments TUSB9261IPVP Datasheet HTML 8Page - Texas Instruments TUSB9261IPVP Datasheet HTML 9Page - Texas Instruments TUSB9261IPVP Datasheet HTML 10Page - Texas Instruments TUSB9261IPVP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
7
TUSB9261
www.ti.com
SLLSE67I – MARCH 2011 – REVISED MARCH 2016
Product Folder Links: TUSB9261
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature (unless otherwise noted)
MIN
MAX
UNIT
VDD
Steady-state supply voltage
–0.3
1.4
V
VDD33/
VDDA33
Steady-state supply voltage
–0.3
3.8
V
Tstg
Storage temperature
–55
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
VESD
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS001(1)
±2000
V
Charged device model (CDM), per JESD22-C101(2)
±1500
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD
Digital 1.1-V supply voltage
1.045
1.1
1.155
V
VDD33
Digital 3.3-V supply voltage
3
3.3
3.6
V
VDDA33
Analog 3.3-V supply voltage
3
3.3
3.6
V
VBUS
Voltage at VBUS PAD
0
1.155
V
TA
Operating free-air temperature range
0
70
°C
Industrial version
–40
85
TJ
Operating junction temperature range
–40
100
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
TUSB9261
UNIT
PVP (HTQFP)
64 PINS
RθJA
Junction-to-ambient thermal resistance
30.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
11.0
°C/W
RθJB
Junction-to-board thermal resistance
6.1
°C/W
ψJT
Junction-to-top characterization parameter
0.4
°C/W
ψJB
Junction-to-board characterization parameter
6.1
°C/W
RJθC(bot)
Junction-to-case (bottom) thermal resistance
0.9
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com