Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB8041RGCR Datasheet(PDF) 21 Page - Texas Instruments

Part # TUSB8041RGCR
Description  TUSB8041 Four-Port USB 3.0 Hub
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8041RGCR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TUSB8041RGCR Datasheet HTML 17Page - Texas Instruments TUSB8041RGCR Datasheet HTML 18Page - Texas Instruments TUSB8041RGCR Datasheet HTML 19Page - Texas Instruments TUSB8041RGCR Datasheet HTML 20Page - Texas Instruments TUSB8041RGCR Datasheet HTML 21Page - Texas Instruments TUSB8041RGCR Datasheet HTML 22Page - Texas Instruments TUSB8041RGCR Datasheet HTML 23Page - Texas Instruments TUSB8041RGCR Datasheet HTML 24Page - Texas Instruments TUSB8041RGCR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
21
TUSB8041
www.ti.com
SLLSEE4E – JUNE 2014 – REVISED JUNE 2016
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
8.5.9 Device Removable Configuration Register
Table 18. Register Offset 7h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
X
X
X
X
Table 19. Bit Descriptions – Device Removable Configuration Register
Bit
Field Name
Access
Description
7
customRmbl
RW
Custom Removable. This bit controls the ability to write to the port
removable bits.
0 = rmbl[3:0] are read only and the values are loaded from the OTP
ROM
1 = rmbl[3:0] are read/write and can be loaded by EEPROM or
written by SMBus
This bit may be written simultaneously with rmbl[3:0].
6:4
RSVD
RO
Reserved. Read only, returns 0 when read.
3:0
rmbl[3:0]
RW
Removable. The bits in this field indicate whether a device attached to
downstream ports 4 through 1 are removable or permanently attached.
0 = The device attached to the port is not removable
1 = The device attached to the port is removable
Each bit corresponds directly to a downstream port n + 1, i.e. rmbl0
corresponds to downstream port 1, rmbl1 corresponds to downstream
port 2, etc.
This field is read only unless the customRmbl bit is set to 1. Otherwise
the value of this filed reflects the inverted values of the OTP ROM
non_rmb[3:0] field.
8.5.10 Port Used Configuration Register
Table 20. Register Offset 8h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
1
1
1
1
Table 21. Bit Descriptions – Port Used Configuration Register
Bit
Field Name
Access
Description
7:4
RSVD
RO
Reserved. Read only.
3:0
used[3:0]
RW
Used. The bits in this field indicate whether a port is enabled.
0 = The port is disabled
1 = The port is enabled
Each bit corresponds directly to a downstream port, i.e. used0
corresponds to downstream port 1, used1 corresponds to downstream
port 2, etc. All combinations are supported with the exception of both
ports 1 and 3 marked as disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com