Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB8041RGCT Datasheet(PDF) 3 Page - Texas Instruments

Part # TUSB8041RGCT
Description  TUSB8041 Four-Port USB 3.0 Hub
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8041RGCT Datasheet(HTML) 3 Page - Texas Instruments

  TUSB8041RGCT Datasheet HTML 1Page - Texas Instruments TUSB8041RGCT Datasheet HTML 2Page - Texas Instruments TUSB8041RGCT Datasheet HTML 3Page - Texas Instruments TUSB8041RGCT Datasheet HTML 4Page - Texas Instruments TUSB8041RGCT Datasheet HTML 5Page - Texas Instruments TUSB8041RGCT Datasheet HTML 6Page - Texas Instruments TUSB8041RGCT Datasheet HTML 7Page - Texas Instruments TUSB8041RGCT Datasheet HTML 8Page - Texas Instruments TUSB8041RGCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
3
TUSB8041
www.ti.com
SLLSEE4E – JUNE 2014 – REVISED JUNE 2016
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Changes from Original (June 2014) to Revision A
Page
Changed the device status From: Preview To: Production ................................................................................................... 1
Changed Feature From: Supports USB Battery Charging Specification Revision 1.2 To: Supports Battery Charging ......... 1
Changed Feature From: Supports D+/D- Divider Mode To: D+/D- Divider Mode.................................................................. 1
Changed Description paragraph: "The TUSB8041 downstream ports provide...".................................................................. 3
Changed the Battery Charging Features section ................................................................................................................. 13
Changed Note 3 of Table 1 ................................................................................................................................................. 13
Changed Note 1 of Table 1 ................................................................................................................................................. 13
5 Description (Continued)
The TUSB8041 supports per port or ganged power switching and over-current protection, and supports battery
charging applications.
An individually port power controlled hub switches power on or off to each downstream port as requested by the
USB host. Also when an individually port power controlled hub senses an over-current event, only power to the
affected downstream port will be switched off.
A ganged hub switches on power to all its downstream ports when power is required to be on for any port. The
power to the downstream ports is not switched off unless all ports are in a state that allows power to be removed.
Also when a ganged hub senses an over-current event, power to all downstream ports will be switched off.
The TUSB8041 downstream ports provide support for battery charging applications by providing Battery
Charging Downstream Port (CDP) handshaking support. It also supports a Dedicated Charging Port (DCP) mode
when the upstream port is not connected. The DCP mode supports USB devices which support with the USB
Battery Charging and Chinese Telecommunications Industry Standard YD/T 1591-2009. In addition, an automatic
mode provides transparent support for BC devices and devices supporting Divider Mode charging solutions when
the upstream port unconnected.
The TUSB8041 provides pin strap configuration for some features including battery charging support, and also
provides customization though OTP ROM, I2C EEPROM or via an I2C/SMBus slave interface for PID, VID, and
custom port and phy configurations. Custom string support is also available when using an I2C EEPROM or the
I2C/SMBus slave interface.
The device is available in a 64-pin RGC package and is offered in a commercial version (TUSB8041) for
operation over the temperature range of 0°C to 70°C, and in an industrial version (TUSB8041I) for operation over
the temperature range of -40°C to 85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com