Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB8041RGCT.A Datasheet(PDF) 45 Page - Texas Instruments

Part # TUSB8041RGCT.A
Description  TUSB8041 Four-Port USB 3.0 Hub
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8041RGCT.A Datasheet(HTML) 45 Page - Texas Instruments

Back Button TUSB8041RGCT.A Datasheet HTML 41Page - Texas Instruments TUSB8041RGCT.A Datasheet HTML 42Page - Texas Instruments TUSB8041RGCT.A Datasheet HTML 43Page - Texas Instruments TUSB8041RGCT.A Datasheet HTML 44Page - Texas Instruments TUSB8041RGCT.A Datasheet HTML 45Page - Texas Instruments TUSB8041RGCT.A Datasheet HTML 46Page - Texas Instruments TUSB8041RGCT.A Datasheet HTML 47Page - Texas Instruments TUSB8041RGCT.A Datasheet HTML 48Page - Texas Instruments TUSB8041RGCT.A Datasheet HTML 49Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 45 / 49 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
10-Nov-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
TUSB8041IRGCR
Active
Production
VQFN (RGC) | 64
2000 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 85
TUSB8041I
TUSB8041IRGCR.A
Active
Production
VQFN (RGC) | 64
2000 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 85
TUSB8041I
TUSB8041IRGCRG4
Active
Production
VQFN (RGC) | 64
2000 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 85
TUSB8041I
TUSB8041IRGCRG4.A
Active
Production
VQFN (RGC) | 64
2000 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 85
TUSB8041I
TUSB8041IRGCT
Active
Production
VQFN (RGC) | 64
250 | SMALL T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 85
TUSB8041I
TUSB8041IRGCT.A
Active
Production
VQFN (RGC) | 64
250 | SMALL T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 85
TUSB8041I
TUSB8041RGCR
Active
Production
VQFN (RGC) | 64
2500 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
0 to 70
TUSB8041
TUSB8041RGCR.A
Active
Production
VQFN (RGC) | 64
2500 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
0 to 70
TUSB8041
TUSB8041RGCRG4
Active
Production
VQFN (RGC) | 64
2500 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 85
TUSB8041
TUSB8041RGCRG4.A
Active
Production
VQFN (RGC) | 64
2500 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 85
TUSB8041
TUSB8041RGCT
Active
Production
VQFN (RGC) | 64
250 | SMALL T&R
Yes
NIPDAU
Level-3-260C-168 HR
0 to 70
TUSB8041
TUSB8041RGCT.A
Active
Production
VQFN (RGC) | 64
250 | SMALL T&R
Yes
NIPDAU
Level-3-260C-168 HR
0 to 70
TUSB8041
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
(4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum
column width.
(5) MSL rating/Peak reflow: The moisture sensitivity level ratings and peak solder (reflow) temperatures. In the event that a part has multiple moisture sensitivity ratings, only the lowest level per JEDEC standards is shown.
Refer to the shipping label for the actual reflow temperature that will be used to mount the part to the printed circuit board.
(6) Part marking: There may be an additional marking, which relates to the logo, the lot trace code information, or the environmental category of the part.
Multiple part markings will be inside parentheses. Only one part marking contained in parentheses and separated by a "~" will appear on a part. If a line is indented then it is a continuation of the previous line and the two
combined represent the entire part marking for that device.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com