Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMM6001-SC Datasheet(PDF) 2 Page - Mimix Broadband

Part # CMM6001-SC
Description  0.05-3.0 GHz High Dynamic Range Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM6001-SC Datasheet(HTML) 2 Page - Mimix Broadband

  CMM6001-SC Datasheet HTML 1Page - Mimix Broadband CMM6001-SC Datasheet HTML 2Page - Mimix Broadband CMM6001-SC Datasheet HTML 3Page - Mimix Broadband CMM6001-SC Datasheet HTML 4Page - Mimix Broadband CMM6001-SC Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
Application Circuit
Ref Designator
Value
Description
Size
C1, C4
56 pF
MCH185A560JK
0603
C2
0.1 F
VITR 0.1 F 25V CER
0603
CAP 0603 X7R 10%
L1
10 nH
TOKO LL 1608-F10NJ
0603
L2
12 nH
TOKO LL 1608-F12NK
0603
CMM6001-SC
Units
Typical
Parameter
Frequency Range
900
1900
2400
MHz
Gain
12.5
11.5
10.8
dB
Input Return Loss
-18.0
-11.5
-10.0
dB
Output Return Loss
-17
-16
-15
dB
Output IP3
+37
+37
+37
dBm
Output P1dB
20.5
19.5
19.5
dBm
Noise Figure
2.7
2.8
2.9
dB
Notes:
1. Typical values reflect performance in recommended application circuit.
20
10
0
-10
-20
-30
-40
0.5
1.0
1.5
2.0
2.5
3.0
Frequency, GHz
S21
S11
S22
S-Parameters vs Frequency
RF
OUT
C4
56 pF
L2
12 nH
Vcc
5V
C2
0.1 F
L1
10 nH
RF
IN
CMM6001-SC
SOT-89
T = 100 mil
INPUT MATCHING NETWORK
C1
56 pF
T = 70 mil
T = 375 mil
T = 485 mil
MIMIX
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
August 2007 - Rev 15-Aug-07
0.05-3.0 GHz
High Dynamic Range Amplifier



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com