Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMM6004-SC Datasheet(PDF) 3 Page - Mimix Broadband

Part # CMM6004-SC
Description  0.3-3.0 GHz High Dynamic Range Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM6004-SC Datasheet(HTML) 3 Page - Mimix Broadband

  CMM6004-SC Datasheet HTML 1Page - Mimix Broadband CMM6004-SC Datasheet HTML 2Page - Mimix Broadband CMM6004-SC Datasheet HTML 3Page - Mimix Broadband CMM6004-SC Datasheet HTML 4Page - Mimix Broadband CMM6004-SC Datasheet HTML 5Page - Mimix Broadband CMM6004-SC Datasheet HTML 6Page - Mimix Broadband CMM6004-SC Datasheet HTML 7Page - Mimix Broadband CMM6004-SC Datasheet HTML 8Page - Mimix Broadband CMM6004-SC Datasheet HTML 9Page - Mimix Broadband Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Page 3 of 10
Application Circuit - 900 MHz
CMM6004-SC
Typical Performance (50 Ohm System)
Ref Designator
Value
Description
Size
C1, C2
56 pF
MCH185A560JK
0603
L1
12 nH
TOKO LL1608-F12NK
0603
L2
47 nH
TOKO LL1608-F47NK
0603
S-Parameters vs Frequency
20
10
0
-10
-20
-30
0.1
1.1
2.1
3.0
Frequency, GHz
S21
S11
S22
Frequency
900 MHz
Gain
16.5 dB
Input Return Loss
-18.0 dB
Output Return Loss
-14.0 dB
OIP3
41.0 dBm
Noise Figure
1.8 dB
Drain Current
Id = 173 mA
P1dB
23.8 dBm
5V
900 MHz
16.2 dB
-19.0 dB
-16.0 dB
38.0 dBm
1.8 dB
Id = 173 mA
18.5 dBm
3.3V
L1
12 nH
RF
IN
CMM6004-SC
SOT-89
T = 80 mil
INPUT MATCHING
NETWORK
RF
OUT
C2
56 pF
L2
47 nH
Vcc
5V
C1
56 pF
T = 70 mil
T = 500 mil
MIMIX
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
August 2007 - Rev 09-Aug-07
0.3-3.0 GHz
High Dynamic Range Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com