Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPQ2167GD-Z Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MPQ2167GD-Z
Description  6V, 4A, Frequency Programmable Buck Converter AEC-Q100 Qualified
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2167GD-Z Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MPQ2167GD-Z Datasheet HTML 3Page - Monolithic Power Systems MPQ2167GD-Z Datasheet HTML 4Page - Monolithic Power Systems MPQ2167GD-Z Datasheet HTML 5Page - Monolithic Power Systems MPQ2167GD-Z Datasheet HTML 6Page - Monolithic Power Systems MPQ2167GD-Z Datasheet HTML 7Page - Monolithic Power Systems MPQ2167GD-Z Datasheet HTML 8Page - Monolithic Power Systems MPQ2167GD-Z Datasheet HTML 9Page - Monolithic Power Systems MPQ2167GD-Z Datasheet HTML 10Page - Monolithic Power Systems MPQ2167GD-Z Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
MPQ2167 – 6V, 4A, FREQUENCY PROGRAMMABLE, BUCK CONVERTER, AEC-Q100 QUALIFIED
MPQ2167 Rev. 1.0
www.MonolithicPower.com
7
3/21/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
VIN = 3.6V, TJ = +25°C, unless otherwise noted.
IQ vs. Temperature
VFB vs. Temperature
30
35
40
45
50
55
60
-50
-25
0
25
50
75
100
125
TEMPERATURE (ºC)
600
601
602
603
604
605
606
607
608
609
610
-50
-25
0
255075
100 125
TEMPERATURE (ºC)
ILIMIT vs. Temperature
EN Threshold vs. Temperature
6.60
6.65
6.70
6.75
6.80
6.85
6.90
-50
-25
0
255075
100
125
TEMPERATURE (ºC)
0.75
0.80
0.85
0.90
0.95
-50
-25
0
25
50
75
100
125
TEMPERATURE (ºC)
EN Rising Threshold
EN Falling Threshold
RDSON-P vs. Temperature
RDSON-N vs. Temperature
25
30
35
40
45
50
-50
-25
0
255075
100
125
TEMPERATURE (ºC)
15
20
25
30
35
40
-50
-25
0
255075
100
125
TEMPERATURE (ºC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com