Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUTOMATION1-FLEX Datasheet(PDF) 2 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # AUTOMATION1-FLEX
Description  Distributed Amplifier Multi-Axis Servo Control System for Custom Engineered Motion Systems
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

AUTOMATION1-FLEX Datasheet(HTML) 2 Page - AEROTECH US. ALL RIGHTS RESERVED.

  AUTOMATION1-FLEX Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. AUTOMATION1-FLEX Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. AUTOMATION1-FLEX Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. AUTOMATION1-FLEX Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. AUTOMATION1-FLEX Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED. AUTOMATION1-FLEX Datasheet HTML 6Page - AEROTECH US. ALL RIGHTS RESERVED. AUTOMATION1-FLEX Datasheet HTML 7Page - AEROTECH US. ALL RIGHTS RESERVED. AUTOMATION1-FLEX Datasheet HTML 8Page - AEROTECH US. ALL RIGHTS RESERVED. AUTOMATION1-FLEX Datasheet HTML 9Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
aerotech.com
1. The Automation1 FLEX controller is available with and without an internal Axis Module amplifier power supply.
The internal power supply may not provide enough power for your full system. Please consult with Aerotech to
see if you need an external power supply for your axis modules.
AUTOMATION1 FLEX CONTROLLER GENERAL SPECIFICATIONS
CATEGORY
SPECIFICATION
Maximum Supported Number of Axis Modules 4
Control Supply
24 VDC
Motor Supply(1)
Single-phase 0-240 VAC; 50/60 Hz
Bus Supply Voltage(1)
0-340 VDC
Position Synchronized Output (PSO)
Standard:
• One-axis PSO (includes one-axis Part-Speed PSO)
Optional:
• Two-axis PSO (includes two-axis Part-Speed PSO)
• Three-axis PSO (includes three-axis Part-Speed PSO)
• Two-axis Part-Speed PSO only (includes one-axis PSO)
• Three-axis Part-Speed PSO (includes one-axis PSO)
HyperWire FLEX Connections
1x HyperWire FLEX port
HyperWire Connections
2x HyperWire small form-factor pluggable (SFP) ports
Sync Ports
2x Sync ports
I/O Expansion Board (Optional)
• 1x additional PSO connection point
• 16x digital inputs, optically isolated
• 16x digital outputs, optically isolated
• 3x analog inputs, 16-bit, differential, ±10 V
• 3x analog outputs, 16-bit, single-ended, ±10 V
Internal Motor Supply Capacitance
2400 μf
Maximum Motor Supply External Breaker
20 Amp (Type-D)
Automatic Brake Control
With Automation1 Studio, a discrete digital output must be
configured as the automatic brake control output. This requires the
-EB1 expansion board on the FLEX Controller. You must wire the
axis brake directly from the FLEX Controller (an additional device
may be required).
Drive Array Memory
67.1 MB (16,777,216 32-bit elements)
High-Speed Data Capture
Yes (Limitations apply. See controller help files for more
information.)
Safe Torque Off (STO)
Please contact Aerotech.
Current Loop Update Rate
20 kHz
Servo Loop Update Rate
10 kHz
Operating Temperature
0 to 40 °C
Storage Temperature
-30 to 85 °C
Weight
1.18 kg (2.60 lb)
Compliance
CE approved, UKCA approved, NRTL safety certification,
EU 2015/863 RoHS 3 directive



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com