Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUTOMATION1-IPC Datasheet(PDF) 3 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # AUTOMATION1-IPC
Description  Intelligent Industrial PC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

AUTOMATION1-IPC Datasheet(HTML) 3 Page - AEROTECH US. ALL RIGHTS RESERVED.

  AUTOMATION1-IPC Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. AUTOMATION1-IPC Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. AUTOMATION1-IPC Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. AUTOMATION1-IPC Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. AUTOMATION1-IPC Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED. AUTOMATION1-IPC Datasheet HTML 6Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
aerotech.com
AUTOMATION1 iPC ORDERING OPTIONS
Hardware
-CC05 Compact Control cabinet iPC. i7. SSD
-CC04 Compact Control cabinet iPC. i5. SSD
-R403 4U 19” rack mount iPC. i5. SSD
-DT02 Desktop tower iPC. i5. SSD
Automation1 MDK Installation
-MDK01 Automation1 MDK installed as per line item (default)
-MDK00 Do not install Automation1 MDK software
Automation1 iSMC Installation
-SMC01 Automation1 iSMC installed as per line item (default)
-SMC00 Do not install Automation1 iSMC controller
Operating System
-OS03 Windows 10 64-bit operating system (only available on -CC04 and -CC05)
-OS04 Windows 11 64-bit operating system (default) (-OS04)
Motion Bus
-MB03* HyperWire motion bus via PCIe interface card (default)
-MB00 No motion bus interface card
*Required with choice of -SMC01
Automation Bus
-AB01* Ethernet expansion card
-AB00 No EtherCAT interface card or ethernet expansion cards (default)
*Ethernet expansion card can be used for PC Modbus connections
HMI Package
-HMI04 24” LED monitor, USB keyboard with integral touch pad
-HMI03 24” LED monitor, USB keyboard and mouse
-HMI02 USB keyboard with integral touch pad
-HMI01 USB keyboard and mouse
-HMI00 No HMI package (default)
AC Adaptor
-AC0
No AC adapter (default)
-AC1
AC adapter for PC power
Line Cord*
-LC0
No line cord (default)
-LC1
USA 115 VAC compatible line cord
-LC2
USA 230 VAC compatible line cord
-LC3
German compatible line cord
-LC4
UK compatible line cord
-LC5
Israel compatible line cord
-LC6
India compatible line cord
-LC7
Australia compatible line cord
*Required for -R403 and -DT02 hardware options



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com