Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUTOMATION1-IXC2 Datasheet(PDF) 3 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # AUTOMATION1-IXC2
Description  PWM Servo Drive with Motion Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

AUTOMATION1-IXC2 Datasheet(HTML) 3 Page - AEROTECH US. ALL RIGHTS RESERVED.

  AUTOMATION1-IXC2 Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. AUTOMATION1-IXC2 Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. AUTOMATION1-IXC2 Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. AUTOMATION1-IXC2 Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. AUTOMATION1-IXC2 Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED. AUTOMATION1-IXC2 Datasheet HTML 6Page - AEROTECH US. ALL RIGHTS RESERVED. AUTOMATION1-IXC2 Datasheet HTML 7Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
aerotech.com
AUTOMATION1 iXC2 GENERAL SPECIFICATIONS
1. See the Automation1-iSMC controller page for more information.
2. For stepper motors only, one-half of bus voltage is applied across the motor (e.g., 80 VDC supply results in 40 VDC across
stepper motor).
3. Output voltage dependent upon input voltage.
4. Peak value of the sine wave; RMS current for AC motors is 0.707 Apk.
5. Dependent on total output power: efficiency increases with increasing output power.
CATEGORY
SPECIFICATION
HyperWire Connections
1x HyperWire small form-factor pluggable (SFP) port
Automatic Brake Control
Standard (24 V at 0.5 A)
Absolute Encoder
Renishaw Resolute BiSS; EnDat 2.1; EnDat 2.2, SSI
Current Loop Update Rate
20 kHz
Servo Loop Update Rate
20 kHz
Power Amplifier Bandwidth
2500 Hz maximum (software selectable)
Power Amplifier Efficiency
85-95%(5)
Minimum Load Inductance
0.1 mH
Operating Temperature
0 to 40 °C
Storage Temperature
-30 to 85 °C
Weight
0.54 kg (1.20 lb.)
Compliance
CE approved, NRTL safety certification, EU 2015/863 RoHS 3 directive



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com