Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUTOMATION1-IXC2E Datasheet(PDF) 5 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # AUTOMATION1-IXC2E
Description  Compact PWM Servo Drive with Motion Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

AUTOMATION1-IXC2E Datasheet(HTML) 5 Page - AEROTECH US. ALL RIGHTS RESERVED.

  AUTOMATION1-IXC2E Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. AUTOMATION1-IXC2E Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. AUTOMATION1-IXC2E Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. AUTOMATION1-IXC2E Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. AUTOMATION1-IXC2E Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED. AUTOMATION1-IXC2E Datasheet HTML 6Page - AEROTECH US. ALL RIGHTS RESERVED. AUTOMATION1-IXC2E Datasheet HTML 7Page - AEROTECH US. ALL RIGHTS RESERVED. AUTOMATION1-IXC2E Datasheet HTML 8Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
aerotech.com
Automation1-PS2
Automation1 PS2
Automation1-PS2 - Din-rail mounted power supply for 1 to 4 compact servo drives
Drive Type (Required)
-D1
PS2 for XC2, XC2e drives & iXC2e, iXC2 drive-based controllers
-D2
PS2 for XL2e drives & iXL2e drive-based controllers
Power Output (Required)
-P1
240 watts at 24 VDC
-P2
240 watts at 48 VDC
-P3
480 watts at 48 VDC
-P4
480 watts at 96 VDC
-P5
240 watts at +/-12 VDC (10A)
-P6
240 watts at +/-24 VDC (5A)
-P7
480 watts at +/-48 VDC (5A)
Number of Axes (Required)
-AX01
1 axis of wiring
-AX02
2 axes of wiring
-AX03
3 axes of wiring
-AX04
4 axes of wiring
AUTOMATION1 PS2 DIN RAIL POWER SUPPLY ORDERING OPTIONS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com