Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-DC Datasheet(PDF) 2 Page - Crydom Inc.,

Part # 1-DC
Description  Panel Mount
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

1-DC Datasheet(HTML) 2 Page - Crydom Inc.,

  1-DC Datasheet HTML 1Page - Crydom Inc., 1-DC Datasheet HTML 2Page - Crydom Inc., 1-DC Datasheet HTML 3Page - Crydom Inc., 1-DC Datasheet HTML 4Page - Crydom Inc., 1-DC Datasheet HTML 5Page - Crydom Inc., 1-DC Datasheet HTML 6Page - Crydom Inc., 1-DC Datasheet HTML 7Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DataSheet
Panel Mount
GENERAL SPECIFICATIONS (1)
Parameters
Description
Dielectric Strength, Input/Output/Base (50/60Hz)
3750 Vrms
Minimum Insulation Resistance (@ 500 VDC)
109 Ohm
Maximum Capacitance, Input/Output
8 pF
Ambient Operating Temperature Range (6)
-40 to 100°C
Ambient Storage Temperature Range
-40 to 125 °C
Weight (typical)
2.66 oz (75.5 g)
Housing Material
UL94 V-0
Baseplate Material
Aluminum
Input Terminal Screw Torque Range (in-lbs/Nm)
13-15 /1.5-1.7
Load Terminal Screw Torque Range (in-lbs/Nm)
18-20 / 2-2.2
Input/Load Terminal Screw Torque Range (in-lbs/Nm) (7)
w/”K” option 8-10 / 0.9-1.13
SSR Mounting Screw Torque Range (in-lbs/Nm)
18-20 / 2-2.2
Humidity
85% non-condensing
MTBF (Mean Time Between Failures) at 40°C ambient temperature (8)
21,395,130 hours (2,441 years)
MTBF (Mean Time Between Failures) at 60°C ambient temperature (8)
11,545,504 hours (1,317 years)
Recommended Wire Sizes
Terminals
Wire Size
(Solid / Stranded)
Wire Pull-Out
Strength (lbs)[N]
Input
Output
24 AWG (0.2 mm2) / 0.2 [minimum]
2 x 12 AWG (3.3 mm2) / 3.3 [maximum]
20 AWG (0.5 mm2) / 0.518 [minimum]
2 x 10 AWG (5.3 mm2) / 5.3
2 x 8 AWG (8.4 mm2) / 8.4 [maximum]
10 [44.5]
90 [400]
30 [133]
110 [490]
90 [400]
WIRING DIAGRAM
1
4
+2
+3
S OL I D S T A T E R EL A Y
OUTPUT
INPUT
Load
+
-
V
+
-
V
+
1
4
+2
+3
S OL I D S T A T E R EL A Y
OUTPUT
INPUT
-
+
V
+
-
V
Load
+
* Inductive loads must be diode suppresed.
*
*
EQUIVALENT CIRCUIT BLOCK DIAGRAMS
-DC
+DC
-DC
Trigger
Circuit
Control
Circuit
+DC
4
3
1
2
4
3
1
2
0
2
4
6
8
10
12
14
0
5
10
15
20
25
30
35
Input Current vs Input Voltage
Standard Regulated “DC” Inputs
DC Input Voltage
Do not forget to visit us at: www.crydom.com
Copyright © 2014 Crydom Inc. Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com