Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUTOMATION1-IXL5E Datasheet(PDF) 2 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # AUTOMATION1-IXL5E
Description  Enhanced Linear Servo Drive with Motion Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

AUTOMATION1-IXL5E Datasheet(HTML) 2 Page - AEROTECH US. ALL RIGHTS RESERVED.

  AUTOMATION1-IXL5E Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. AUTOMATION1-IXL5E Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. AUTOMATION1-IXL5E Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. AUTOMATION1-IXL5E Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. AUTOMATION1-IXL5E Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED. AUTOMATION1-IXL5E Datasheet HTML 6Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
aerotech.com
AUTOMATION1 iXL5e GENERAL SPECIFICATIONS
CATEGORY
SPECIFICATION
Motion Controller(1)
Aerotech’s Automation1-iSMC Intelligent Software-Based Motion Controller (version 2.2 and above)
Position Synchronized Output
(PSO)
Standard:
One-axis PSO (includes one-axis Part-Speed PSO)
Optional:
Two-axis PSO (includes two-axis Part-Speed PSO)
Three-axis PSO (includes three-axis Part-Speed PSO)
Two-axis Part-Speed PSO only
Three-axis Part-Speed PSO only
25-Pin Motor Feedback
Connector
High-speed differential inputs (encoder sin, cos and marker)
CW and CCW limits
Hall effect sensor inputs (A, B and C)
Analog motor temperature input (accepts digital)
Brake output
26-Pin Auxiliary Feedback
Connector
High-speed differential inputs (encoder sin, cos and marker)*
4x optically isolated digital inputs
4x optically isolated digital outputs
1x 16-bit differential ±10 V analog input
1x 16-bit single-ended ±10 V analog output
2x optically isolated high-speed inputs
*This channel is bidirectional and can be used to echo out encoder signals.
Multiplier Options
MX0 option:
Primary encoder: 40 million counts per second square-wave input
Auxiliary encoder: 40 million counts per second square-wave input
MX2 option:
Primary encoder: 2 MHz/450 kHz (bandwidth selectable) sine-wave input,
encoder multiplier up to 65,536
Auxiliary encoder: 40 million counts per second square-wave input
MX3 option:
Primary encoder: 2 MHz/450 kHz (bandwidth selectable) sine-wave input,
encoder multiplier up to 65,536
Auxiliary encoder: 450 kHz sine-wave input, encoder multiplier up to x16,384*
*Encoders multiplied with this input cannot be echoed out.
I/O Expansion Board (-EB1)
1x additional PSO connection point
16x digital inputs, optically isolated
16x digital outputs, optically isolated
3x analog inputs, 16-bit, differential, ±10 V
3x analog outputs, 16-bit, single-ended, ±10 V
Drive Array Memory
67.1 MB (16,777,216 32-bit elements)
High Speed Data Capture
Yes (50 ns latency)
Safe Torque Off (STO)
Yes, SIL3/PLe/Cat 4
HyperWire Connections
1x HyperWire small form-factor pluggable (SFP) ports
Automatic Brake Control
Standard; 24 V at 1 A
Absolute Encoder
BiSS C Unidirectional; EnDat 2.1; EnDat 2.2
Current Loop Update Rate
20 kHz
Servo Loop Update Rate
20 kHz
Operating Temperature
0 to 50 °C
Storage Temperature
-30 to 85 °C
Weight
11.31 kg (24.93 lb)
Compliance
CE approved, NRTL safety certification, EU 2015/863 RoHS 3 directive



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com