Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N2906A Datasheet(PDF) 2 Page - Multicomp Pro

Part # 2N2906A
Description  High Speed Switching Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

2N2906A Datasheet(HTML) 2 Page - Multicomp Pro

  2N2906A Datasheet HTML 1Page - Multicomp Pro 2N2906A Datasheet HTML 2Page - Multicomp Pro 2N2906A Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page <2>
V1.0
16/09/19
High Speed Switching Transistor
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
*PulseTest:PulseWidth≤300µs,DutyCycle≤2%
Description
Symbol
Test Condition
Min.
Max,
Unit
2N2906
2N2907
DC Current Gain
hFE
Ic = 0.1mA, Vce = 10V
Ic = 1 mA, Vce = 10V
Ic = 10 mA, Vce = 10V
Ic = 150 mA, Vce = 10V*
Ic = 500 mA, Vce = 10V*
>20
>25
>35
40 - 120
>20
>35
>50
>75
100 - 300
>30
-
**ftisdefinedasthefrequencyatwhich\hfe/extrapolatestounity
Electrical Characteristics (Ta = 25°C unless otherwise specified)
Parameter
Symbol
Test Condition
Value
Unit
Min.
Max.
Dynamic Characteristics
TransitionFrequency
ft**
Ic = 50mA, Vce = 20V, f = 100MHz
200
-
MHz
Output Capacitance
Cob
Vcb = 10V, Ie = 0, f = 100kHz
-
8
pF
Input Capacitance
Cib
Vbe = 2V, Ic = 0, f = 100kHz
-
30
Switching Time
DelayTime
td
Ic = 150mA, IB1 = 15 mA
-
10
ns
Rise Time
tr
Vcc = 30V
-
40
Turn on Time
ton
-
-
45
Storage time
ts
Ic = 150mA, IB1 = IB2 = 15mA
-
80
Fall Time
tf
Vcc = 6V
-
30
Turn Off Time
toff
-
-
100
Specification Table
Vceo
Maximum
(V)
Ic
Maximum
(A)
Vce(sat)
Maximum
(V)
at Ic = 150mA
toff
Maximum
(ns)
hfe
Minimum
at Ic = 150mA
Pd
at Ta = 25°C
(mW)
Package
and
Pin Out
Part Number
60
0.6
0.4
100
40
400
TO-18
2N2906A
2N2907A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com