Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC113LRGP Datasheet(PDF) 56 Page - Texas Instruments

Part # CC113LRGP
Description  CC113L Value Line Receiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC113LRGP Datasheet(HTML) 56 Page - Texas Instruments

Back Button CC113LRGP Datasheet HTML 52Page - Texas Instruments CC113LRGP Datasheet HTML 53Page - Texas Instruments CC113LRGP Datasheet HTML 54Page - Texas Instruments CC113LRGP Datasheet HTML 55Page - Texas Instruments CC113LRGP Datasheet HTML 56Page - Texas Instruments CC113LRGP Datasheet HTML 57Page - Texas Instruments CC113LRGP Datasheet HTML 58Page - Texas Instruments CC113LRGP Datasheet HTML 59Page - Texas Instruments CC113LRGP Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 87 page
background image
XOSC
carrier
16
ƒ
ƒ
FREQ[23 : 0]
2
=
×
XOSC
IF
10
ƒ
ƒ
FREQ _ IF
2
=
×
CC113L
SWRS108B – MAY 2011 – REVISED JUNE 2014
www.ti.com
Table 5-29. 0x09: ADDR - Device Address
Bit
Field Name
Reset
R/W
Description
Address used for packet filtration. Optional broadcast
7:0
DEVICE_ADDR[7:0]
0 (0x00)
R/W
addresses are 0 (0x00) and 255 (0xFF).
Table 5-30. 0x0A: CHANNR - Channel Number
Bit
Field Name
Reset
R/W
Description
The 8-bit unsigned channel number, which is multiplied by
7:0
CHAN[7:0]
0 (0x00)
R/W
the channel spacing setting and added to the base
frequency.
Table 5-31. 0x0B: FSCTRL1 - Frequency Synthesizer Control
Bit
Field Name
Reset
R/W
Description
7:6
R0
Not used
5
0
R/W
Use setting from SmartRF Studio
The desired IF frequency to employ in RX. Subtracted from
FS base frequency in RX and controls the digital complex
mixer in the demodulator.
4:0
FREQ_IF[4:0]
15 (01111)
R/W
The default value gives an IF frequency of 381kHz,
assuming a 26.0 MHz crystal.
Table 5-32. 0x0C: FSCTRL0 - Frequency Synthesizer Control
Bit
Field Name
Reset
R/W
Description
Frequency offset added to the base frequency before being
used by the frequency synthesizer. (2s-complement).
7:0
FREQOFF[7:0]
0 (0x00)
R/W
Resolution is FXTAL/214 (1.59 kHz-1.65 kHz); range is ±202
kHz to ±210 kHz, dependent of XTAL frequency.
Table 5-33. 0x0D: FREQ2 - Frequency Control Word, High Byte
Bit
Field Name
Reset
R/W
Description
FREQ[23:22] is always 0 (the FREQ2 register is less than
7:6
FREQ[23:22]
0 (00)
R
36 with 26 - 27 MHz crystal)
FREQ[23:0] is the base frequency for the frequency
synthesizer in increments of fXOSC/216.
5:0
FREQ[21:16]
30 (011110)
R/W
Table 5-34. 0x0E: FREQ1 - Frequency Control Word, Middle Byte
Bit
Field Name
Reset
R/W
Description
7:0
FREQ[15:8]
196 (0xC4)
R/W
See Table 5-33.
Table 5-35. 0x0F: FREQ0 - Frequency Control Word, Low Byte
Bit
Field Name
Reset
R/W
Description
7:0
FREQ[7:0]
236 (0xEC)
R/W
See Table 5-33.
56
Detailed Description
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC113L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com