| Electronic Components Datasheet Search |
|
CC115LRGP Datasheet(PDF) 32 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC115LRGP Datasheet(HTML) 32 Page - Texas Instruments |
|
32 / 74 page ![]() CC115L SWRS105B – MAY 2011 – REVISED JUNE 2014 www.ti.com 5.11 TX FIFO The CC115L contains a 64-byte TX FIFO for data to be transmitted and the SPI interface is used to write to the TX FIFO (see Section 5.5.5 for more details). The FIFO controller will detect underflow in the TX FIFO. When writing to the TX FIFO it is the responsibility of the MCU to avoid TX FIFO overflow. A TX FIFO overflow will result in an error in the TX FIFO content. The chip status byte that is available on the SO pin while transferring the SPI header and contains the fill grade of the TX FIFO if the access is a write operation. Section 5.5.1 contains more details on this. The number of bytes in the TX FIFO can be read from the status registers TXBYTES.NUM_TXBYTES. The 4-bit FIFOTHR.FIFO_THR setting is used to program threshold points in the TX FIFO. Table 5-7 lists the 16 FIFO_THR settings and the corresponding thresholds for the TX FIFO. Table 5-7. FIFO_THR Settings and the Corresponding FIFO Thresholds FIFO_THR Bytes in TX FIFO 0 (0000) 61 1 (0001) 57 2 (0010) 53 3 (0011) 49 4 (0100) 45 5 (0101) 41 6 (0110) 37 7 (0111) 33 8 (1000) 29 9 (1001) 25 10 (1010) 21 11 (1011) 17 12 (1100) 13 13 (1101) 9 14 (1110) 5 15 (1111) 1 A signal will assert when the number of bytes in the TX FIFO is equal to or higher than the programmed threshold. This signal can be viewed on the GDO pins (see Table 5-12). Figure 5-12 shows the number of bytes in the TX FIFO when the threshold signal toggles in the case of FIFO_THR=13. Figure 5-13 shows the signal on the GDO pin as the TX FIFO is filled above the threshold, and then drained below in the case of FIFO_THR=13. 32 Detailed Description Copyright © 2011–2014, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: CC115L |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |