Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD17585F5 Datasheet(PDF) 2 Page - Texas Instruments

Part # CSD17585F5
Description  CSD17585F5 30-V N-Channel FemtoFET™ MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD17585F5 Datasheet(HTML) 2 Page - Texas Instruments

  CSD17585F5 Datasheet HTML 1Page - Texas Instruments CSD17585F5 Datasheet HTML 2Page - Texas Instruments CSD17585F5 Datasheet HTML 3Page - Texas Instruments CSD17585F5 Datasheet HTML 4Page - Texas Instruments CSD17585F5 Datasheet HTML 5Page - Texas Instruments CSD17585F5 Datasheet HTML 6Page - Texas Instruments CSD17585F5 Datasheet HTML 7Page - Texas Instruments CSD17585F5 Datasheet HTML 8Page - Texas Instruments CSD17585F5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Specifications.................................................................. 3
5.1 Electrical Characteristics.............................................3
5.2 Thermal Information....................................................3
5.3 Typical MOSFET Characteristics................................ 4
6 Device and Documentation Support..............................7
6.1 Receiving Notification of Documentation Updates......7
6.2 Trademarks.................................................................7
7 Mechanical, Packaging, and Orderable Information.... 8
7.1 Mechanical Dimensions.............................................. 8
7.2 Recommended Minimum PCB Layout........................9
7.3 Recommended Stencil Pattern................................... 9
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (February 2022) to Revision C (June 2022)
Page
• Restored front page key graphic to match SLPS610A....................................................................................... 1
• Restored layout of images to match SLPS610A.................................................................................................4
Changes from Revision A (December 2016) to Revision B (February 2022)
Page
• Changed ultra-low profile bullet from 0.35 mm to 0.36 mm in height................................................................. 1
• Updated ultra-low profile image height from 0.35 mm to 0.36 mm..................................................................... 1
• Changed ultra-low profile image height from 0.35 mm to 0.36 mm.................................................................... 8
• Added FemtoFET Surface Mount Guide note.................................................................................................... 9
Changes from Revision * (October 2016) to Revision A (December 2016)
Page
• Changed Figure 5-2 in the Typical MOSFET Characteristics section.................................................................4
• Added Table 7-1 in the Mechanical Dimensions section.................................................................................... 8
CSD17585F5
SLPS610C – OCTOBER 2016 – REVISED JUNE 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CSD17585F5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com