Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC2564MODACMOG.B Datasheet(PDF) 29 Page - Texas Instruments

Part # CC2564MODACMOG.B
Description  CC2564MODx Bluetooth® Host Controller Interface (HCI) Module
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2564MODACMOG.B Datasheet(HTML) 29 Page - Texas Instruments

Back Button CC2564MODACMOG.B Datasheet HTML 25Page - Texas Instruments CC2564MODACMOG.B Datasheet HTML 26Page - Texas Instruments CC2564MODACMOG.B Datasheet HTML 27Page - Texas Instruments CC2564MODACMOG.B Datasheet HTML 28Page - Texas Instruments CC2564MODACMOG.B Datasheet HTML 29Page - Texas Instruments CC2564MODACMOG.B Datasheet HTML 30Page - Texas Instruments CC2564MODACMOG.B Datasheet HTML 31Page - Texas Instruments CC2564MODACMOG.B Datasheet HTML 32Page - Texas Instruments CC2564MODACMOG.B Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 68 page
background image
29
CC2564MODN, CC2564MODA
www.ti.com
SWRS160E – FEBRUARY 2014 – REVISED JANUARY 2017
Submit Documentation Feedback
Product Folder Links: CC2564MODN CC2564MODA
Detailed Description
Copyright © 2014–2017, Texas Instruments Incorporated
Figure 5-10. A2DP Sink Architecture Versus Assisted A2DP Sink Architecture
For more information on the A2DP sink role, see the A2DP Profile Specification at Adopted Bluetooth
Core Specifications.
5.9.2.2
Assisted A2DP Source
The role of the A2DP source is to transmit the audio stream in an A2DP Bluetooth connection. In this role,
the A2DP layer and its underlying layers are responsible for link management and data encoding. To
handle these tasks, two logic transports are defined:
•
Control and signaling logic transport
•
Data packet logic transport
The assisted A2DP takes advantage of this modularity to handle the data packet logic transport in the
module. First, the assisted A2DP encodes the raw data from the module PCM–I2S interface using an on-
chip SBC encoder. The assisted A2DP then implements an L-L2CAP layer and an L-AVDTP layer to
fragment and packetize the encoded audio data. Figure 5-11 shows the comparison between a common
A2DP source architecture and the assisted A2DP source architecture.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com