Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY74FCT162244CTPVC Datasheet(PDF) 13 Page - Texas Instruments

Part # CY74FCT162244CTPVC
Description  16-Bit Buffers/Line Drivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CY74FCT162244CTPVC Datasheet(HTML) 13 Page - Texas Instruments

Back Button CY74FCT162244CTPVC Datasheet HTML 7Page - Texas Instruments CY74FCT162244CTPVC Datasheet HTML 8Page - Texas Instruments CY74FCT162244CTPVC Datasheet HTML 9Page - Texas Instruments CY74FCT162244CTPVC Datasheet HTML 10Page - Texas Instruments CY74FCT162244CTPVC Datasheet HTML 11Page - Texas Instruments CY74FCT162244CTPVC Datasheet HTML 12Page - Texas Instruments CY74FCT162244CTPVC Datasheet HTML 13Page - Texas Instruments CY74FCT162244CTPVC Datasheet HTML 14Page - Texas Instruments CY74FCT162244CTPVC Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
(7.5)
46X (0.5)
48X (0.3)
48X (1.5)
(R0.05) TYP
4214859/B 11/2020
TSSOP - 1.2 mm max height
DGG0048A
SMALL OUTLINE PACKAGE
NOTES: (continued)
7. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
8. Board assembly site may have different recommendations for stencil design.
SYMM
SYMM
1
24
25
48
SOLDER PASTE EXAMPLE
BASED ON 0.125 mm THICK STENCIL
SCALE:6X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com