Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC38RF83IAAV Datasheet(PDF) 53 Page - Texas Instruments

Part # DAC38RF83IAAV
Description  DAC38RFxx Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC38RF83IAAV Datasheet(HTML) 53 Page - Texas Instruments

Back Button DAC38RF83IAAV Datasheet HTML 49Page - Texas Instruments DAC38RF83IAAV Datasheet HTML 50Page - Texas Instruments DAC38RF83IAAV Datasheet HTML 51Page - Texas Instruments DAC38RF83IAAV Datasheet HTML 52Page - Texas Instruments DAC38RF83IAAV Datasheet HTML 53Page - Texas Instruments DAC38RF83IAAV Datasheet HTML 54Page - Texas Instruments DAC38RF83IAAV Datasheet HTML 55Page - Texas Instruments DAC38RF83IAAV Datasheet HTML 56Page - Texas Instruments DAC38RF83IAAV Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 160 page
background image
Table 7-25. ws_cfg Chain (continued)
FIELD
DESCRIPTION
CHAIN LENGTH = 26 BITS
Table 7-26. ws_core Chain
FIELD
DESCRIPTION
HEAD (STARTING FROM THE MSB OF CHAIN)
RETIME
No function.
ENPLL
PLL enable.
MPY[7:0]
PLL multiply.
VRANGE
VCO range.
ENDIVCLK
Enable DIVCLK output
LB[1:0]
Loop bandwidth
RECEIVER (FOR EACH LANE 0,1,2,3)
ENRX
Receiver enable.
SLEEPRX
Receiver sleep mode.
BUSWIDTH[2:0]
Bus width.
RATE[1:0]
Operating rate.
INVPAIR
Invert polarity.
TERM[2:0]
Termination.
ALIGN[1:0]
Symbol alignment.
LOS[2:0]
Loss of signal enable.
CDR[2:0]
Clock/data recovery.
EQ[2:0]
Equalizer.
EQHLD
Equalizer hold.
ENOC
Offset compensation.
LOOPBACK[1:0]
Loopback.
BSINRXP
Boundary scan initialization.
BSINRXN
Boundary scan initialization.
RESERVED
Reserved.
Testpatt[2:0]
Test pattern selection.
TESTFAIL
Test failure (real time).
LOSTDTCT
Loss of signal detected (real time).
BSRXP
Boundary scan data.
BSRXN
Boundary scan data.
OCIP
Offset compensation in progress.
EQOVER
Receiver signal over equalized.
EQUNDER
Receiver signal under equalized.
LOSTDTCT
Loss of signal detected (sticky).
SYNC
Re-alignment done, or aligned comma output
(sticky).
RETIME
No function.
TAIL (ENDING WITH THE LSB CHAIN)
CLKBYP[1:0]
Clock bypass.
SLEEPPLL
PLL sleep mode.
RESERVED
Reserved.
LOCK
PLL lock (real time).
BSINITCLK
Boundary scan initialization clock.
www.ti.com
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
SLASEA3D – DECEMBER 2016 – REVISED DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
53
Product Folder Links: DAC38RF80 DAC38RF83 DAC38RF84 DAC38RF85 DAC38RF90 DAC38RF93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com