Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC38RF83IAAV.B Datasheet(PDF) 64 Page - Texas Instruments

Part # DAC38RF83IAAV.B
Description  DAC38RFxx Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC38RF83IAAV.B Datasheet(HTML) 64 Page - Texas Instruments

Back Button DAC38RF83IAAV.B Datasheet HTML 60Page - Texas Instruments DAC38RF83IAAV.B Datasheet HTML 61Page - Texas Instruments DAC38RF83IAAV.B Datasheet HTML 62Page - Texas Instruments DAC38RF83IAAV.B Datasheet HTML 63Page - Texas Instruments DAC38RF83IAAV.B Datasheet HTML 64Page - Texas Instruments DAC38RF83IAAV.B Datasheet HTML 65Page - Texas Instruments DAC38RF83IAAV.B Datasheet HTML 66Page - Texas Instruments DAC38RF83IAAV.B Datasheet HTML 67Page - Texas Instruments DAC38RF83IAAV.B Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 160 page
background image
placement between 0 and fDAC/2. The NCOs are enabled by fields NCOAB_ENA and NCOCD_ENA in
register MULTIDUC_CFG2 (7.5.14). The NCOs have 48-bit frequency registers (FREQ_NCOAB (7.5.25) and
FREQ_NCOCD (7.5.26)) and 16-bit phase registers (PHASE_NCOAB (7.5.23) and PHASE_NCOCD (7.5.24))
that generate the sine and cosine terms for the complex mixing. The NCO block diagram is shown in Figure
7-22.
Frequency
Register
48
Accumulator
48
RESET
CLK
FDAC
NCO SYNC
via
syncsel_NCO(3:0)
48
48
Phase
Register
16
16
16
Look Up
Table
16
16
sin
cos
Figure 7-22. NCO Block Diagram
Synchronization of the NCOs occurs by resetting the NCO accumulators to zero. The synchronization source is
selected by fields SYNCSEL_NCOAB and SYNCSEL_NCOCD in register SYNCSEL1 (7.5.29). The frequency
word in the FREQ_NCOAB and FREQ_NCOCD registers are added to the accumulators every clock cycle, fDAC.
The frequency and phase offset of the NCOs are:
NCOAB or CD
f
48
_
2
u DAC
FREQ
NCOAB or CD
f
(1)
AB or CD
/
Œ
16
_
2
2
u
PHASE
NCOAB or CD
(2)
Treating the complex channels as complex vectors of the form I + j Q, the output of the DQM is:
^
`
MIXERAB GAIN
AB
INPUTAB
NCOAB
AB
INPUTAB
NCOAB
AB
Output
I
cos
ŒI
W
/
4
VLQ
ŒI
W
/
_
1
2
2
2
u
u
u
(3)
^
`
MIXERCD GAIN
CD
INPUTCD
NCOCD
CD
INPUTCD
NCOCD
CD
Output
I
cos
ŒI
W
/
4
VLQ
ŒI
W
/
_
1
2
2
2
u
u
u
(4)
Where t is the time since the last resetting of the NCO accumulator and the fields MIXERAB_GAIN and
MIXERCD_GAIN in register MULTIDUC_CFG2 (7.5.13) are either 0 or 1.
The maximum output amplitude of the DQM occurs if IIN(t) and QIN(t) are simultaneously full scale amplitude and
the sine and cosine arguments are equal to an integer multiple of π/4.
With MIXERAB_GAIN or MIXERCD_GAIN = 0, the gain through the DQM is sqrt(2)/2 or -3 dB. This loss in
signal power is in most cases undesirable, and it is recommended that the gain function be used to increase
the signal by 3 dB to compensate. With MIXERAB_GAIN or MIXERCD_GAIN = 1, the gain through the DQM
is sqrt(2) or +3 dB, which can cause clipping of the signal if IIN(t) and QIN(t) are simultaneously near full scale
amplitude and should therefore be used with caution.
7.3.16.5 Low Power Coarse Resolution Mixing Modes
In addition to the NCO the DAC38RFxx also has a coarse mixer block capable of shifting the input signal
spectrum by the fixed mixing frequencies ±N x fDAC/8. Using the coarse mixer instead of the full mixers will result
in lower power consumption.
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
SLASEA3D – DECEMBER 2016 – REVISED DECEMBER 2023
www.ti.com
64
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: DAC38RF80 DAC38RF83 DAC38RF84 DAC38RF85 DAC38RF90 DAC38RF93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com