Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM505 Datasheet(PDF) 53 Page - Texas Instruments

Part # DM505
Description  DM505 SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DM505 Datasheet(HTML) 53 Page - Texas Instruments

Back Button DM505 Datasheet HTML 49Page - Texas Instruments DM505 Datasheet HTML 50Page - Texas Instruments DM505 Datasheet HTML 51Page - Texas Instruments DM505 Datasheet HTML 52Page - Texas Instruments DM505 Datasheet HTML 53Page - Texas Instruments DM505 Datasheet HTML 54Page - Texas Instruments DM505 Datasheet HTML 55Page - Texas Instruments DM505 Datasheet HTML 56Page - Texas Instruments DM505 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 295 page
background image
53
DM505
www.ti.com
SPRS976E – NOVEMBER 2016 – REVISED MAY 2018
Submit Documentation Feedback
Terminal Configuration and Functions
Copyright © 2016–2018, Texas Instruments Incorporated
Table 4-16. McASP Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
mcasp1_axr1
McASP1 Transmit/Receive Data
IO
V16
mcasp1_axr2
McASP1 Transmit/Receive Data
IO
U15
mcasp1_axr3
McASP1 Transmit/Receive Data
IO
V15
mcasp1_axr4
McASP1 Transmit/Receive Data
IO
Y15
mcasp1_axr5
McASP1 Transmit/Receive Data
IO
W15
mcasp1_axr6
McASP1 Transmit/Receive Data
IO
AA15
mcasp1_axr7
McASP1 Transmit/Receive Data
IO
AB15
mcasp1_axr8
McASP1 Transmit/Receive Data
IO
AA14, U15, U9
mcasp1_axr9
McASP1 Transmit/Receive Data
IO
AB14, V15, W11
mcasp1_axr10
McASP1 Transmit/Receive Data
IO
U13, V9, Y15
mcasp1_axr11
McASP1 Transmit/Receive Data
IO
V13, W15, W9
mcasp1_axr12
McASP1 Transmit/Receive Data
IO
AA15, U8, Y13
mcasp1_axr13
McASP1 Transmit/Receive Data
IO
AB15, W13, W8
mcasp1_axr14
McASP1 Transmit/Receive Data
IO
U11, U7
mcasp1_axr15
McASP1 Transmit/Receive Data
IO
V11, V7
mcasp1_fsx
McASP1 Transmit Frame Sync
IO
W17
mcasp1_aclkr
McASP1 Receive Bit Clock
IO
AA17
mcasp1_fsr
McASP1 Receive Frame Sync
IO
U16
mcasp1_ahclkx
McASP1 Transmit High-Frequency Master Clock
O
U9
mcasp1_aclkx
McASP1 Transmit Bit Clock
IO
U17
Multichannel Audio Serial Port 2
mcasp2_axr0
McASP2 Transmit/Receive Data
IO
D6, V9
mcasp2_axr1
McASP2 Transmit/Receive Data
IO
C5, W9
mcasp2_axr2
McASP2 Transmit/Receive Data
IO
B5, U8
mcasp2_axr3
McASP2 Transmit/Receive Data
IO
D7, W8
mcasp2_axr4
McASP2 Transmit/Receive Data
IO
B4, U7
mcasp2_axr5
McASP2 Transmit/Receive Data
IO
A4, V7
mcasp2_fsx
McASP2 Transmit Frame Sync
IO
E7, V11
mcasp2_aclkr
McASP2 Receive Bit Clock
IO
B6, W13
mcasp2_fsr
McASP2 Receive Frame Sync
IO
A5, W11
mcasp2_ahclkx
McASP2 Transmit High-Frequency Master Clock
O
C6, Y13
mcasp2_aclkx
McASP2 Transmit Bit Clock
IO
F7, U11
Multichannel Audio Serial Port 3
mcasp3_axr0
McASP3 Transmit/Receive Data
IO
G19
mcasp3_axr1
McASP3 Transmit/Receive Data
IO
G18
mcasp3_axr2
McASP3 Transmit/Receive Data
IO
G21
mcasp3_axr3
McASP3 Transmit/Receive Data
IO
G22
mcasp3_axr4
McASP3 Transmit/Receive Data
IO
H18
mcasp3_axr5
McASP3 Transmit/Receive Data
IO
H20
mcasp3_fsx
McASP3 Transmit Frame Sync
IO
H22
mcasp3_ahclkx
McASP3 Transmit High-Frequency Master Clock
O
H19
mcasp3_aclkx
McASP3 Transmit Bit Clock
IO
F22
mcasp3_aclkr
McASP3 Receive Bit Clock
IO
F20
mcasp3_fsr
McASP3 Receive Frame Sync
IO
F19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com