Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA281A4IDBVT.B Datasheet(PDF) 13 Page - Texas Instruments

Part # INA281A4IDBVT.B
Description  INA281, –4-V to 110-V, 1.3-MHz Current-Sense Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA281A4IDBVT.B Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA281A4IDBVT.B Datasheet HTML 9Page - Texas Instruments INA281A4IDBVT.B Datasheet HTML 10Page - Texas Instruments INA281A4IDBVT.B Datasheet HTML 11Page - Texas Instruments INA281A4IDBVT.B Datasheet HTML 12Page - Texas Instruments INA281A4IDBVT.B Datasheet HTML 13Page - Texas Instruments INA281A4IDBVT.B Datasheet HTML 14Page - Texas Instruments INA281A4IDBVT.B Datasheet HTML 15Page - Texas Instruments INA281A4IDBVT.B Datasheet HTML 16Page - Texas Instruments INA281A4IDBVT.B Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
6.4 Device Functional Modes
6.4.1 Unidirectional Operation
The INA281-Q1 measures the differential voltage developed by current flowing through a resistor that is
commonly referred to as a current-sensing resistor or a current-shunt resistor. The INA281-Q1 operates in
unidirectional mode only, meaning it only senses current sourced from a power supply to a system load as
shown in Figure 6-2.
IN+
IN±
OUT
-
+
Buffer
Current
Feedback
5 V
GND
RL
R1
R1
Bias
RSENSE
ISENSE
48-V
Supply
Load
Figure 6-2. Unidirectional Application
The linear range of the output stage is limited to how close the output voltage can approach ground under
zero-input conditions. The zero current output voltage of the INA281-Q1 is very small, with a maximum of GND +
20 mV. Make sure to apply a differential input voltage of (20 mV / Gain) or greater to keep the INA281-Q1 output
in the linear region of operation.
6.4.2 High Signal Throughput
With a bandwidth of 1.3 MHz at a gain of 20 V/V and a slew rate of 2.5 V/µs, the INA281-Q1 is specifically
designed for detecting and protecting applications from fast inrush currents. As shown in Table 6-2, the INA281-
Q1 responds in less than 2 µs for a system measuring a 75-A threshold on a 2-mΩ shunt.
Table 6-2. Response Time
PARAMETER
EQUATION
INA281-Q1
AT VS = 5 V
G
Gain
20 V/V
IMAX
Maximum current
100 A
IThreshold
Threshold current
75 A
RSENSE
Current sense resistor value
2 mΩ
VOUT_MAX
Output voltage at maximum current
VOUT_MAX = IMAX × RSENSE × G
4 V
VOUT_THR
Output voltage at threshold current
VOUT_THR = ITHR × RSENSE × G
3 V
SR
Slew rate
2.5 V/µs
Output response time
Tresponse= VOUT_THR / SR
< 2 µs
www.ti.com
INA281
SBOSA29A – JUNE 2020 – REVISED NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: INA281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com