Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA281B4IDBVT Datasheet(PDF) 12 Page - Texas Instruments

Part # INA281B4IDBVT
Description  INA281, –4-V to 110-V, 1.3-MHz Current-Sense Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA281B4IDBVT Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA281B4IDBVT Datasheet HTML 8Page - Texas Instruments INA281B4IDBVT Datasheet HTML 9Page - Texas Instruments INA281B4IDBVT Datasheet HTML 10Page - Texas Instruments INA281B4IDBVT Datasheet HTML 11Page - Texas Instruments INA281B4IDBVT Datasheet HTML 12Page - Texas Instruments INA281B4IDBVT Datasheet HTML 13Page - Texas Instruments INA281B4IDBVT Datasheet HTML 14Page - Texas Instruments INA281B4IDBVT Datasheet HTML 15Page - Texas Instruments INA281B4IDBVT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Output Voltage (V)
0
1
2
3
200
400
600
800
1000
1200
1400
INA281A1
INA281A2
INA281A3
INA281A4
INA281A5
Figure 6-1. Bandwidth vs Output Voltage
6.3.1.2 Low Input Bias Current
The INA281-Q1 inputs draw a 20-µA (typical) bias current at a common-mode voltage as high as 110 V, which
enables precision current sensing on applications that require lower current leakage.
6.3.1.3 Low VSENSE Operation
The INA281-Q1 operates with high performance across the entire valid VSENSE range. The zero-drift input
architecture of the INA281-Q1 provides the low offset voltage and low offset drift needed to measure low
VSENSE levels accurately across the wide operating temperature of –40 °C to +125 °C. Low VSENSE operation is
particularly beneficial when using low ohmic shunts for low current measurements, as power losses across the
shunt are significantly reduced.
6.3.1.4 Wide Fixed Gain Output
The INA281-Q1 gain error is < 0.5% at room temperature, with a maximum drift of 20 ppm/°C over the full
temperature range of –40 °C to +125 °C. TheINA281-Q1 is available in multiple gain options of 20 V/V, 50 V/V,
100 V/V, 200 V/V, and 500 V/V, which the system designer should select based on their desired signal-to-noise
ratio and other system requirements.
The INA281-Q1 closed-loop gain is set by a precision, low-drift internal resistor network. The ratio of these
resistors are excellently matched, while the absolute values may vary significantly. TI does not recommend
adding additional resistance around the INA281-Q1 to change the effective gain because of this variation,
however. The typical values of the gain resistors are described in Table 6-1.
Table 6-1. Fixed Gain Resistor
GAIN
R1
RL
20 (V/V)
25 kΩ
500 kΩ
50 (V/V)
10 kΩ
500 kΩ
100 (V/V)
10 kΩ
1000 kΩ
200 (V/V)
5 kΩ
1000 kΩ
500 (V/V)
2 kΩ
1000 kΩ
6.3.1.5 Wide Supply Range
The INA281-Q1 operates with a wide supply range from 2.7 V to 20 V. The output stage supports a wide output
range, while the INA281-Q1x1 (gain of 20 V/V) at a supply voltage of 20 V allows a maximum acceptable
differential input of 1 V. When paired with the small input offset voltage of the INA281-Q1, systems with very
wide dynamic ranges of current measurement can be supported.
INA281
SBOSA29A – JUNE 2020 – REVISED NOVEMBER 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com