Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS6C6264 Datasheet(PDF) 9 Page - Alliance Semiconductor Corporation

Part # AS6C6264
Description  8K X 8 BIT LOW POWER CMOS SRAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C6264 Datasheet(HTML) 9 Page - Alliance Semiconductor Corporation

Back Button AS6C6264 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6C6264 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6C6264 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C6264 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C6264 Datasheet HTML 9Page - Alliance Semiconductor Corporation AS6C6264 Datasheet HTML 10Page - Alliance Semiconductor Corporation AS6C6264 Datasheet HTML 11Page - Alliance Semiconductor Corporation AS6C6264 Datasheet HTML 12Page - Alliance Semiconductor Corporation AS6C6264 Datasheet HTML 13Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
®
8K X 8 BIT LOW POWER CMOS SRAM
PACKAGE OUTLINE DIMENSION
28 pin 600 mil PDIP Package Outline Dimension
UNIT
SYM.
INCH.(BASE)
MM(REF)
A1
0.010 (MIN) 0.254 (MIN)
A2
0.150±0.005 3.810±0.127
B
0.020 (MAX) 0.508(MAX)
B1
0.055 (MAX) 1.397(MAX)
c
0.012 (MAX) 0.304 (MAX)
D
1.430 (MAX) 36.322 (MAX)
E
0.6 (TYP)
15.24 (TYP)
E1
0.52 (MAX)
13.208 (MAX)
e
0.100 (TYP) 2.540(TYP)
eB
0.625 (MAX) 15.87 (MAX)
L
0.180(MAX) 4.572(MAX)
S
0.06 (MAX)
1.524 (MAX)
Q1
0.08(MAX)
2.032(MAX)
Θ
15o(MAX)
15o(MAX)
Page 8 of 12
July 2017, v2.0
Alliance Memory Inc
February 2007
Updated July 2017
AS6C6264



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com