Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR1011-QH Datasheet(PDF) 2 Page - Mimix Broadband

Part # XR1011-QH
Description  4.5-10.5 GHz GaAs Receiver QFN, 4x4mm
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XR1011-QH Datasheet(HTML) 2 Page - Mimix Broadband

  XR1011-QH Datasheet HTML 1Page - Mimix Broadband XR1011-QH Datasheet HTML 2Page - Mimix Broadband XR1011-QH Datasheet HTML 3Page - Mimix Broadband XR1011-QH Datasheet HTML 4Page - Mimix Broadband XR1011-QH Datasheet HTML 5Page - Mimix Broadband XR1011-QH Datasheet HTML 6Page - Mimix Broadband XR1011-QH Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2008 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
January 2008 - Rev 28-Jan-08
Receiver Measurements
Page 2 of 7
4.5-10.5 GHz GaAs Receiver
QFN, 4x4mm
R1011-QH
XR1011-QH: USB Conversion Gain (dB)
4V @ 130mA, PLO=5dBm
0
2
4
6
8
10
12
14
16
18
20
4
5
6
7
8
9
101112
RF USB (GHz) [IF=1GHz]
USB +25C
USB -40C
USB +80C
XR1011-QH: USB Conversion Gain (dB)
4V @ 130mA, PLO=5dBm
0
2
4
6
8
10
12
14
16
18
20
4567
8
9
10
11
12
RF LSB (GHz) [IF=1GHz]
LSB +25C
LSB -40C
LSB +80C
XR1011-QH: USB Noise Figure
4V @ 130mA, PLO=5dBm
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
4
5
6
7
8
9
10
11
12
RF USB (GHz) [IF=1GHz]
+25C
-40C
+85C
XR1011-QH: USB Noise Figure
4V @ 130mA, PLO=5dBm
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
4
5
6
7
8
9
10
11
12
RF LSB (GHz) [IF=1GHz]
+25C
-40C
+85C
XR1011-QH: USB IIP3 (dBm).
4V @ 130mA, PLO=5dBm, RF = -18 dBm per Tone
-10.0
-5.0
0.0
5.0
10.0
15.0
20.0
4567
89
10
11
12
RF USB (GHz) [IF=1GHz]
USB +25C
USB +80C
USB -40C
XR1011-QH: LSB IIP3 (dBm)
4V @ 130mA, PLO=5dBm, RF = -18 dBm per Tone
-10.0
-5.0
0.0
5.0
10.0
15.0
20.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
RF LSB (GHz) [IF=1GHz]
LSB +25C
LSB +80C
LSB -40C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com