Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR1007-QD Datasheet(PDF) 4 Page - Mimix Broadband

Part # XR1007-QD
Description  10.0-18.0 GHz GaAs Receiver QFN, 7x7 mm
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XR1007-QD Datasheet(HTML) 4 Page - Mimix Broadband

  XR1007-QD Datasheet HTML 1Page - Mimix Broadband XR1007-QD Datasheet HTML 2Page - Mimix Broadband XR1007-QD Datasheet HTML 3Page - Mimix Broadband XR1007-QD Datasheet HTML 4Page - Mimix Broadband XR1007-QD Datasheet HTML 5Page - Mimix Broadband XR1007-QD Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Page 4 of 6
App Note [1] Biasing - The device is operated by separately biasing Vd1 and Vd2 with Vd1=4.0V, Id1=80mA and
Vd2=4.0V, Id2=100mA. It is also recommended to use active biasing to keep the currents constant as the RF power and
temperature vary; this gives the most reproducible results. Depending on the supply voltage available and the power
dissipation constraints, the bias circuit may be a single transistor or a low power operational amplifier, with a low value
resistor in series with the drain supply used to sense the current. The gate of the pHEMT is controlled to maintain correct
drain current and thus drain voltage. The typical gate voltage needed to do this is -0.3V. Typically the gate is protected
with Silicon diodes to limit the applied voltage. Also, make sure to sequence the applied voltage to ensure negative gate
bias is available before applying the positive drain supply.
MTTF
Typical Application
Mimix Broadband MMIC-based 10.0-18.0 GHz Receiver Block Diagram
RF IN
10.0-18.0 GHz
IR Mixer
LNA
Coupler
XR1007-QD
BPF
IF Out
2 GHz
LO(+2.0dBm)
8.0-16.0 GHz (USB Operation)
12.0-20.0 GHz (LSB Operation)
AGC Control
Mimix Broadband's 10.0-18.0 GHz XR1007-QD GaAs Receiver can be used in saturated radio applications and linear modulation schemes up
to 256 QAM. The receiver can be used in upper and lower sideband applications from 10.0-18.0 GHz.
10.0-18.0 GHz GaAs Receiver
QFN, 7x7 mm
R1007-QD
XR1007-QD, MTTF (yrs) vs. Backplate Temperature (°C)
1.0E+00
1.0E+01
1.0E+02
1.0E+03
1.0E+04
1.0E+05
1.0E+06
55
65
75
85
95
Temperature (°C)
MTTF is calculated from accelerated life-time data of single devices and assumes an isothermal
back-plate.
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
August 2007 - Rev 12-Aug-07



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com