Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD4F202 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPD4F202
Description  TPDxF202 Four or Six-Channel EMI Filter With ESD Protection For LCD Display
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPD4F202 Datasheet(HTML) 2 Page - Texas Instruments

  TPD4F202 Datasheet HTML 1Page - Texas Instruments TPD4F202 Datasheet HTML 2Page - Texas Instruments TPD4F202 Datasheet HTML 3Page - Texas Instruments TPD4F202 Datasheet HTML 4Page - Texas Instruments TPD4F202 Datasheet HTML 5Page - Texas Instruments TPD4F202 Datasheet HTML 6Page - Texas Instruments TPD4F202 Datasheet HTML 7Page - Texas Instruments TPD4F202 Datasheet HTML 8Page - Texas Instruments TPD4F202 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 5
6.1 Absolute Maximum Ratings........................................ 5
6.2 ESD Ratings — JEDEC.............................................. 5
6.3 ESD Ratings — IEC....................................................5
6.4 Recommended Operating Conditions.........................5
6.5 Thermal Information....................................................5
6.6 Electrical Characteristics.............................................6
6.7 Typical Characteristics................................................ 7
7 Detailed Description........................................................8
7.1 Overview..................................................................... 8
7.2 Functional Block Diagram........................................... 8
7.3 Feature Description.....................................................8
7.4 Device Functional Modes............................................8
8 Application and Implementation.................................... 9
8.1 Application Information............................................... 9
8.2 Typical Application...................................................... 9
9 Power Supply Recommendations................................10
10 Layout........................................................................... 11
10.1 Layout Guidelines................................................... 11
10.2 Layout Example...................................................... 11
11 Device and Documentation Support..........................12
11.1 Documentation Support.......................................... 12
11.2 Related Links.......................................................... 12
11.3 Support Resources................................................. 12
11.4 Trademarks............................................................. 12
11.5 Electrostatic Discharge Caution.............................. 12
11.6 Glossary.................................................................. 12
12 Mechanical, Packaging, and Orderable
Information.................................................................... 12
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (November 2015) to Revision B (May 2021)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document .................1
• Changed the dimensions for the DSBGA (15) package from 1.06 mm × 2.63 mm to 1.06 mm × 2.36 mm in
the Device Information table............................................................................................................................... 1
Changes from Revision * (June 2010) to Revision A (November 2015)
Page
• Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device
Functional Modes, Application and Implementation section, Power Supply Recommendations section, Layout
section, Device and Documentation Support section, and Mechanical, Packaging, and Orderable Information
section ............................................................................................................................................................... 1
• Deleted Ordering Information section ................................................................................................................ 1
TPD4F202, TPD6F202
SLLS800B – JUNE 2010 – REVISED MAY 2021
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TPD4F202 TPD6F202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com