Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP421 Datasheet(PDF) 4 Page - Texas Instruments

Part # TMP421
Description  TMP42x-Q1 ±1°C Remote and Local Temperature Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP421 Datasheet(HTML) 4 Page - Texas Instruments

  TMP421 Datasheet HTML 1Page - Texas Instruments TMP421 Datasheet HTML 2Page - Texas Instruments TMP421 Datasheet HTML 3Page - Texas Instruments TMP421 Datasheet HTML 4Page - Texas Instruments TMP421 Datasheet HTML 5Page - Texas Instruments TMP421 Datasheet HTML 6Page - Texas Instruments TMP421 Datasheet HTML 7Page - Texas Instruments TMP421 Datasheet HTML 8Page - Texas Instruments TMP421 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
1
2
3
4
8
7
6
5
V+
SCL
GND
DXP1
DXP2
DXP3
DXN
SDA
1
2
3
4
8
7
6
5
V+
SCL
GND
DX1
DX2
DX3
DX4
SDA
4
TMP421-Q1, TMP422-Q1, TMP423-Q1
SBOS821 – NOVEMBER 2016
www.ti.com
Product Folder Links: TMP421-Q1 TMP422-Q1 TMP423-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
TMP422-Q1 DCN Package
8-Pin SOT-23
Top View
TMP422-Q1 Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
DX1
Analog input
Channel 1 remote temperature sensor connection pin.
Also sets the TMP422-Q1 address; see Table 4.
2
DX2
Analog input
Channel 1 remote temperature sensor connection pin.
Also sets the TMP422-Q1 address; see Table 4.
3
DX3
Analog input
Channel 2 remote temperature sensor connection pin.
Also sets the TMP422-Q1 address; see Table 4.
4
DX4
Analog input
Channel 2 remote temperature sensor connection pin.
Also sets the TMP422-Q1 address; see Table 4.
5
GND
Ground
Ground
6
SDA
Bidirectional digital input-output
Serial data line for SMBus, open-drain; requires pullup resistor to V+.
7
SCL
Digital input
Serial clock line for SMBus, open-drain; requires pullup resistor to V+.
8
V+
Power supply
Positive supply voltage (2.7 V to 5.5 V).
TMP423-Q1 DCN Package
8-Pin SOT-23
Top View
TMP423-Q1 Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
DXP1
Analog input
Channel 1 positive connection to remote temperature sensor
2
DXP2
Analog input
Channel 2 positive connection to remote temperature sensor
3
DXP3
Analog input
Channel 3 positive connection to remote temperature sensor
4
DXN
Analog input
Common negative connection to remote temperature sensors, channel 1, channel 2, and channel 3
5
GND
Ground
Ground
6
SDA
Bidirectional digital input-output
Serial data line for SMBus, open-drain; requires pullup resistor to V+
7
SCL
Digital input
Serial clock line for SMBus, open-drain; requires pullup resistor to V+
8
V+
Power supply
Positive supply voltage (2.7 V to 5.5 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com