Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCF4516BEY Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4516BEY
Description  PRESETTABLE UP/DOWN COUNTERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4516BEY Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4516BEY Datasheet HTML 1Page - STMicroelectronics HCF4516BEY Datasheet HTML 2Page - STMicroelectronics HCF4516BEY Datasheet HTML 3Page - STMicroelectronics HCF4516BEY Datasheet HTML 4Page - STMicroelectronics HCF4516BEY Datasheet HTML 5Page - STMicroelectronics HCF4516BEY Datasheet HTML 6Page - STMicroelectronics HCF4516BEY Datasheet HTML 7Page - STMicroelectronics HCF4516BEY Datasheet HTML 8Page - STMicroelectronics HCF4516BEY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HCF4510B
HCF4516B
PRESETTABLE UP/DOWN COUNTERS
March 2000
s
MEDIUM SPEED OPERATION fCL = 8MHz
TYP. AT 10V
s
SYNCHRONOUS INTERNAL CARRY
PROPAGATION
s
RESET AND PRESET CAPABILITY
s
QUIESCENT CURRENT SPECIFIED TO 15V
s
5V, 10V, AND 15V PARAMETRIC RATINGS
s
INPUT CURRENT OF 100nAAT 15V AND 25
°C
s
100% TESTED FOR QUIESCENT CURRENT
MEETS
ALL
REQUIREMENTS
OF
JEDEC
TENTATIVE STANDARD No. 13A, ”STANDARD
SPECIFICATIONS FOR DESCRIPTION OF ”B”
SERIES CMOS DEVICES”
DESCRIPTION
The HCF4510B and HCF4516B are monolithic
integrated circuits available in 16-lead dual in-line
plastic
and
plastic
micro
package.
The
HCF4510B Presettable BCD Up/Down Counter
and the HCF4516B Presettable Binary Up/Down
Counter consist of four synchronously clocked
D-type flip-flops (with a gating structure to provide
T-type flip-flop capability) connected as counters.
These counters can be cleared by a high level on
the RESET line, and can be preset to any binary
number present on the jam inputs by a high level
on the PRESET ENABLE line. The HCF4510B
will count out of non-BCD counter states in a
maximum of two clock pulses in the up mode,
and a maximum of four clock pulses in the down
mode. If the CARRY-IN input is held low, the
counter
advances
up
or
down
on
each
positive-going
clock
transition.
Synchronous
cascading is accomplished by connecting all
clock inputs in parallel and connecting the
CARRY-OUT of a less significant stage to the
CARRY-IN of a more significant stage. The
HCF4510B and HCF4516B can be loaded in the
ripple mode by connecting the CARRY-OUT to
the clock of the next stage. If the UP/DOWN input
changes
during
a
terminal
count,
the
CARRY-OUT must be gated with the clock, and
the UP/DOWN input must change while the clock
is high. This method provides a clean clock signal
to the subsequent counting stage.
PIN CONNECTION
®
SOP
DIP
ORDER CODES
PACKAGE
TUBE
T & R
DIP
HCF45XXBEY
SOP
HCF45XXBM1
HCF45XXM013TR
1/12


Similar Part No. - HCF4516BEY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4516BEY STMICROELECTRONICS-HCF4516BEY Datasheet
488Kb / 11P
PRESETTABLE BINARY UP/DOWN COUNTER
Sep-2002
More results

Similar Description - HCF4516BEY

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS190 MOTOROLA-SN54LS190 Datasheet
310Kb / 10P
PRESETTABLE BCD/DECADE UP/DOWN COUNTERS PRESETTABLE 4-BIT BINARY UP/DOWN COUNTERS
logo
Texas Instruments
CD4510B TI-CD4510B Datasheet
295Kb / 12P
CMOS PRESETTABLE UP/DOWN COUNTERS
logo
Intersil Corporation
CD4510BMS INTERSIL-CD4510BMS Datasheet
139Kb / 11P
CMOS Presettable Up/Down Counters
December 1992
CD54AC191 INTERSIL-CD54AC191 Datasheet
11Kb / 1P
Presettable Synchronous 4-Bit Binary Up/Down Counters
June 1997
logo
Micro Electronics
MMC40192 MICRO-ELECTRONICS-MMC40192 Datasheet
181Kb / 5P
PRESETTABLE UP / DOWN COUNTERS
logo
List of Unclassifed Man...
MMC4510 ETC1-MMC4510 Datasheet
224Kb / 6P
PRESETTABLE UP / DOWN COUNTERS
logo
ON Semiconductor
MC14526BDWR2G ONSEMI-MC14526BDWR2G Datasheet
156Kb / 10P
Presettable 4-Bit Down Counters
May, 2013 ??Rev. 7
logo
Texas Instruments
CD40192B TI1-CD40192B_15 Datasheet
1Mb / 15P
CMOs Presettable Up/Down counters
CD4510B TI1-CD4510B_15 Datasheet
1Mb / 16P
Cmos Presettable Up/Down Counters
logo
ON Semiconductor
MC14526B ONSEMI-MC14526B_14 Datasheet
125Kb / 9P
Presettable 4-Bit Down Counters
July, 2014 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com